Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4903 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF4903
Description  SINGLE-CHIP MULTIBAND RF TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4903 Datasheet(HTML) 4 Page - Texas Instruments

  TRF4903 Datasheet HTML 1Page - Texas Instruments TRF4903 Datasheet HTML 2Page - Texas Instruments TRF4903 Datasheet HTML 3Page - Texas Instruments TRF4903 Datasheet HTML 4Page - Texas Instruments TRF4903 Datasheet HTML 5Page - Texas Instruments TRF4903 Datasheet HTML 6Page - Texas Instruments TRF4903 Datasheet HTML 7Page - Texas Instruments TRF4903 Datasheet HTML 8Page - Texas Instruments TRF4903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TRF4903
SINGLECHIP MULTIBAND RF TRANSMITTER
SWRS023B − MAY 2004 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLOCK
24
I
Serial interface clock signal input
CP_GND
15
Charge pump ground
CP_OUT
14
O
Charge pump output
CP_VCC
13
Charge pump supply voltage
DATA
23
I
Serial interface data signal input
DET_LD_DCLK
16
O
Brownout detector (active high), PLL lock detect (active high), and data clock multiplexed
output
DGND
18
Digital and XTAL oscillator ground
DVDD
17
Digital and XTAL oscillator power supply
GND
21
Substrate ground
MODE
2
I
Mode select input
PA_GND1
5
Power amplifier ground
PA_GND2
7
Power amplifier ground
PA_OUT
4
O
Power amplifier output
PA_VCC
6
Power amplifier supply voltage
STDBY
3
I
Standby input signal; active low
STROBE
22
I
Serial interface strobe signal
TX_DATA
1
I
Buffered TX data input
VCO_BYPASS
11
I
VCO bypass; connect to ground through a 100-pF capacitor
VCO_GND
9
VCO ground
VCO_TUNE
12
I
Tuning voltage for the integrated VCO
VCO_CORE_VCC
10
VCO core supply voltage
VCO_PRE_VCC
8
Divider and prescaler supply voltage
XTAL
19
I/O
Connection to an external crystal reference
XTAL_SW
20
I
Connection to external capacitor, which sets the frequency deviation of the transmitted signal
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range
−0.6 to 4.5 Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, logic signals
−0.6 to 4.5 Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD protection, human body model (HBM)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog supply voltage
2.2
3.6
V
Digital supply voltage
2.2
3.6
V
Operating free-air temperature
−40
85
°C


Similar Part No. - TRF4903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903 TI1-TRF4903 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PW TI1-TRF4903PW Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PWG4 TI1-TRF4903PWG4 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PWR TI1-TRF4903PWR Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PWRG4 TI1-TRF4903PWRG4 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results

Similar Description - TRF4903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com