Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40100RGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40100RGER
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40100RGER Datasheet(HTML) 3 Page - Texas Instruments

  TPS40100RGER Datasheet HTML 1Page - Texas Instruments TPS40100RGER Datasheet HTML 2Page - Texas Instruments TPS40100RGER Datasheet HTML 3Page - Texas Instruments TPS40100RGER Datasheet HTML 4Page - Texas Instruments TPS40100RGER Datasheet HTML 5Page - Texas Instruments TPS40100RGER Datasheet HTML 6Page - Texas Instruments TPS40100RGER Datasheet HTML 7Page - Texas Instruments TPS40100RGER Datasheet HTML 8Page - Texas Instruments TPS40100RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40100
SLUS601–MAY 2005
-40°C ≤ TA =TJ≤ 85°C, VVDD =12V,RRT = 182 kΩ,RGM = 232 kΩ,RILIM = 121 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
VVDD
Operating range
4.5
18.0
V
OPERATING CURRENT
IDD
Quiescent current
VFB > 0.8 V, 0% duty cycle
1.3
1.8
2.5
mA
ISD
Shutdown current
VUVLO < 1 V
500
µA
5VPB
7V ≤ VVDD≤ 18 V, 0 mA ≤ ILOAD≤ 30 mA
4.7
5.0
5.3
Internal regulator
V
4.5 V ≤ VVDD < 7 V, 0 mA ≤ ILOAD≤ 30 mA
4.3
5.0
5.3
OSCILLATOR/RAMP GENERATOR
fSW
Programmable oscillator frequency
100
600
kHz
4.5 V ≤ VVDD <18V,
Oscillator frequency accuracy
250
275
300
-40°C ≤ TA =TJ≤ 125°C
VRAMP
Ramp amplitude(1)
0.5
VP-P
tOFF
Fixed off-time
100
150
ns
DMIN
Minimum duty cycle
0%
tMIN
Minimum controllable pulse width(1)
CLOAD = 4.7 nF, -40°C ≤ TA =TJ≤ 125°C
175
ns
VVLY
Valley voltage(1)
1.0
1.6
2.0
V
FREQUENCY SYNCHRONIZATION
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
ISYNC
Input current, SYNC
VSYNC = 2.5 V
4.0
5.5
10.0
µA
tSYNC
Mimimum pulse width, SYNC
50
ns
tSYNC_SH
Minimum set-up/hold time, SYNC(2)
100
SOFT-START AND FAULT IDLE
ISS
Soft-start source (charge) current
13
20
25
µA
ISS_SINK
Soft-start sink (discharge) current
3.4
5.0
6.6
VSSC
Soft-start completed voltage
3.25
3.40
3.75
V
VSSD
Soft-start discharged voltage
0.15
0.20
0.25
Retry interval time to SS time ratio(1)
16
VSSOS
Offset from SS to error amplifier
300
500
800
mV
ERROR AMPLIFIER
GBWP
Gain bandwidth product(1)
3.5
5.0
MHz
AVOL
Open loop
60
80
dB
IBIAS
Input bias current, FB
50
200
nA
IOH
High-level output current
23
mA
IOL
Low-level output current
23
Slew rate(1)
2.1
V/µs
FEEDBACK REFERENCE
TA =25°C
686
690
694
VFB
Feedback voltage reference
mV
-40°C < TA =TJ≤ 125°C
683
697
(1) Ensured by design. Not production tested.
(2) To meet set up time requirements for the synchronization circuit, a negative logic pulse must be greater than 100 ns wide.
3


Similar Part No. - TPS40100RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100RGER TI1-TPS40100RGER Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGERG4 TI1-TPS40100RGERG4 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40100RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI1-TPS40100_16 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com