Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV990-21 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV990-21
Description  3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990-21 Datasheet(HTML) 4 Page - Texas Instruments

  TLV990-21 Datasheet HTML 1Page - Texas Instruments TLV990-21 Datasheet HTML 2Page - Texas Instruments TLV990-21 Datasheet HTML 3Page - Texas Instruments TLV990-21 Datasheet HTML 4Page - Texas Instruments TLV990-21 Datasheet HTML 5Page - Texas Instruments TLV990-21 Datasheet HTML 6Page - Texas Instruments TLV990-21 Datasheet HTML 7Page - Texas Instruments TLV990-21 Datasheet HTML 8Page - Texas Instruments TLV990-21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV99021
3V, 10BIT, 21MSPS AREA CCD ANALOG FRONT END
SLAS299A − AUGUST 2000 − REVISED MARCH 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, AVDD, DVDD, DIVDD
−0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
−0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
NOM
MAX
UNIT
Analog supply voltage
AVDD
2.7
3
3.3
V
Digital supply voltage
DVDD
2.7
3
3.3
V
Digital interface supply voltage
DIVDD
1.8
4.4
V
digital inputs, DIVDD = 3 V
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
0.8DIVDD
V
Low-level input voltage, VIL
0.2DIVDD
V
Input ADCCLK frequency
21
MHz
ADCCLK pulse duration, clock high, tw(MCLKH)
23.8
ns
ADCCLK pulse duration, clock low, tw(MCLKL)
23.8
ns
Input SCLK frequency
40
MHz
SCLK pulse duration, clock high, tw(SCLKH)
12.5
ns
SCLK pulse duration, clock low, tw(SCLKL)
12.5
ns


Similar Part No. - TLV990-21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLV990-28PFB TI-TLV990-28PFB Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TLV990-28PFBG4 TI-TLV990-28PFBG4 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
More results

Similar Description - TLV990-21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLV987 TI-TLV987 Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com