Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1208 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC1208
Description  23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1208 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC1208 Datasheet HTML 1Page - OKI electronic componets MSC1208 Datasheet HTML 2Page - OKI electronic componets MSC1208 Datasheet HTML 3Page - OKI electronic componets MSC1208 Datasheet HTML 4Page - OKI electronic componets MSC1208 Datasheet HTML 5Page - OKI electronic componets MSC1208 Datasheet HTML 6Page - OKI electronic componets MSC1208 Datasheet HTML 7Page - OKI electronic componets MSC1208 Datasheet HTML 8Page - OKI electronic componets MSC1208 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
MSC1208
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
PD
Ta=85°C
400
Symbol
VDD
Parameter
Power Supply Voltage
Condition
Rating
–0.3 to+20
Unit
V
Input Voltage
Storage Temperature
VIN
TSTG
–0.3 to+6
–55 to+150
°C
V
mW
RECOMENDED OPERATING CONDITIONS
Symbol
VDD
Parameter
Power Supply Voltage
Condition
Unit
V
Top
Operating Temperature
°C
Min.
8
–40
Max.
18
85
"H" Input Voltage (1)
"H" Input Voltage (2)
"L" Input Voltage (1)
"L" Input Voltage (2)
Oscillation Frequency
VIH1
DATA ENABLE, TEST
V
3.8
5.5
VIH2
DATA I/O
V
4.0
5.5
VIL1
DATA ENABLE, TEST
V
0
0.8
VIL2
DATA I/O
V
0
1.2
fOSC
C=68pF
kHz
256
768
Typ.
512
DATA ENABLE Frequency
DATA ENABLE Pulse Width
DATA ENABLE Rise Time
DATA ENABLE Fall Time
Data Delay Time
Input Data Valid Time
Output Data Valid Time
Frame Frequency
fE
tW
tRE
tFE
tX
tDV1
tDV2
fFR
Refer to Fig. 1
Refer to Fig. 1
Refer to Fig. 1
Refer to Fig. 1
Refer to Fig. 1
Refer to Fig. 1
Refer to Fig. 1
360
200
150
250
1.3
20
20
20
kHz
ms
ms
ms
ms
ms
ms
Hz
Refer to Fig. 3


Similar Part No. - MSC1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results

Similar Description - MSC1208

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1215 OKI-MSC1215 Datasheet
144Kb / 22P
   17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
   111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
   63-Bit Triplex Controller/Driver with Digital Dimming Function
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com