Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP08C596 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP08C596
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08C596 Datasheet(HTML) 3 Page - STMicroelectronics

  STP08C596 Datasheet HTML 1Page - STMicroelectronics STP08C596 Datasheet HTML 2Page - STMicroelectronics STP08C596 Datasheet HTML 3Page - STMicroelectronics STP08C596 Datasheet HTML 4Page - STMicroelectronics STP08C596 Datasheet HTML 5Page - STMicroelectronics STP08C596 Datasheet HTML 6Page - STMicroelectronics STP08C596 Datasheet HTML 7Page - STMicroelectronics STP08C596 Datasheet HTML 8Page - STMicroelectronics STP08C596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP08C596
3/16
Table 5: Thermal Data
Table 6: Recommended Operating Conditions
Table 7: Electrical Characteristics (VDD=5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
DIP-16
SO-16
TSSOP16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
90
125
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5.0
5.5
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
15
120
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
/LE Pulse Width
VDD = 3.0 to 3.6V
20
ns
twCLK
CLK Pulse Width
20
ns
twEN
/OE Pulse Width
400
ns
tSETUP(D) Setup Time for DATA
20
ns
tHOLD(D)
Hold Time for DATA
15
ns
tSETUP(L) Setup Time for LATCH
15
ns
fCLK
Clock Frequency
Cascade Operation
25
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1
Output Current
VO = 0.7V REXT = 910 Ω
20.6
20.7
20.9
mA
IOL2
VO = 0.7V REXT = 360 Ω
50.6
51.0
51.5
mA
∆IOL1
Output Current Error
between bit (All Output ON)
VO = 0.7V REXT = 910 Ω
± 3
%
∆IOL2
VO = 0.7V REXT = 360 Ω
± 3
%
RSIN(up)
Pull-up Resistor
150
300
600
K
RSIN(down) Pull-down Resistor
100
200
400
K
IDD(OFF1) Supply Current (OFF)
REXT = OPEN
OUT 0 to 7 = OFF
0.3
0.6
mA
IDD(OFF2)
REXT = 470 Ω
OUT 0 to 7 = OFF
5.5
7.7
IDD(OFF3)
REXT = 250 Ω
OUT 0 to 7 = OFF
10.1
14.1
IDD(ON1)
Supply Current (ON)
REXT = 470 Ω
OUT 0 to 7 = ON
5.5
7.7
IDD(ON2)
REXT = 250 Ω
OUT 0 to 7 = ON
10.1
14.1


Similar Part No. - STP08C596

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596B1 STMICROELECTRONICS-STP08CDC596B1 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596M STMICROELECTRONICS-STP08CDC596M Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596MTR STMICROELECTRONICS-STP08CDC596MTR Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
STP08CDC596TTR STMICROELECTRONICS-STP08CDC596TTR Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
More results

Similar Description - STP08C596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com