Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2579YSA75BGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V2579YSA75BGI
Description  128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2579YSA75BGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V2579YSA75BGI Datasheet HTML 1Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 2Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 3Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 4Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 5Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 6Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 7Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 8Page - Integrated Device Technology IDT71V2579YSA75BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6.42
2
IDT71V2577, IDT71V2579, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Pin Definition(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
Symbol
Pin Function
I/O
Active
Description
A0-A17
Address Inputs
I
N/A
Synchronous Address inputs. The address register is triggered by a combi-nation of the rising edge of
CLK and
ADSC Low or ADSP Low and CE Low.
ADSC
Address Status
(Cache Controller)
I
LOW
Synchronous Address Status from Cache Controller.
ADSC is an active LOW input that is used to load the
address registers with new addresses.
ADSP
Address Status
(Processor)
I
LOW
Synchronous Address Status from Processor.
ADSP is an active LOW input that is used to load the
address registers with new addresses.
ADSP is gated by CE.
ADV
Burst Address
Advance
I
LOW
Synchronous Address Advance.
ADV is an active LOW input that is used to advance the internal burst
counter, controlling burst access after the initial address is loaded. When the input is HIGH the burst
counter is not incremented; that is, there is no address advance.
BWE
Byte Write Enable
I
LOW
Synchronous byte write enable gates the byte write inputs
BW1-BW4. If BWE is LOW at the rising edge of
CLK then
BWx inputs are passed to the next stage in the circuit. If BWE is HIGH then the byte write inputs
are blocked and only
GW can initiate a write cycle.
BW1-BW4
Individual Byte
Write Enables
I
LOW
Synchro nous byte write enables.
BW1 controls I/O0-7, I/OP1, BW2 controls I/O8-15, I/OP2, etc. Any active
byte write causes all outputs to be disabled.
CE
Chip Enable
I
LOW
Synchronous chip enable.
CE is used with CS0 and CS1 to enable the IDT71V2577/79. CE also gates
ADSP.
CLK
Clock
I
N/A
This is the clock input. All timing references for the device are made with respect to this input.
CS0
Chip Select 0
I
HIGH
Synchronous ac tive HIGH chip select. CS0 is used with
CE and CS1 to enable the chip.
CS1
Chip Select 1
I
LOW
Synchronous active LOW chip select.
CS1 is used with CE and CS0 to enable the chip.
GW
Global Write
Enable
I
LOW
Synchronous global write enable. This input will write all four 9-bit data bytes when LOW on the rising
edge of CLK.
GW supersedes individual byte write enables.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchronous data input/output (I/O) pins. The data input path is registered, trig gered by the rising edge
of CLK. The data output path is flow-through (no output register).
LBO
Linear Burst Order
I
LOW
Asynchronous burst ord er selection input. When
LBO is HIGH, the inter-leaved burst sequence is
selected. When
LBO is LOW the Linear burst sequence is selected. LBO is a static input and must not
change state while the device is operating.
OE
Output Enable
I
LOW
Asynchrono us output enable. When
OE is LOW the data output drivers are enabled on the I/O pins if the
chip is also selected. When
OE is HIGH the I/O pins are in a high-impedance state.
TMS
Test ModeSelect
I
N/A
Gives input command for TAP controller. Sampled on rising edge of TDK. This pin has an internal pullup.
TDI
Test Data Input
I
N/A
Serial input of registers placed between TDI and TDO. Sampled on rising edge of TCK. This pin has an
internal pullup.
TCK
Test Clock
I
N/A
Clock input of TAP controller. Each TAP event is clocked. Test inputs are captured on rising edge of TCK,
while test outputs are driven from the falling edge of TCK. This pin has an internal pullup.
TDO
Test DataOutput
O
N/A
Serial output of registers placed between TDI and TDO. This output is active depending on the state of the
TAP controller.
TRST
JTAG Reset
(Optional)
I
LOW
Optional Asynchronous JTAG reset. Can be used to reset the TAP controller, but not required. JTAG reset
occurs automatically at power up and also resets using TMS and TCK per IEEE 1149.1. If not used
TRST
can be left floating. This pin has an internal pullup. Only available in BGA package.
ZZ
Sleep Mode
I
HIGH
Asynchronous sleep mode input. ZZ HIGH will gate the CLK inte rnally and power down the IDT71V2577/79
to its lowest power consumption level. Data retention is guaranteed in Sleep Mod e.This pin has an internal
pull down.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
2.5V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
NC
No Connect
N/A
N/A
NC pins are not electrically connected to the device.
4877 tbl 02


Similar Part No. - IDT71V2579YSA75BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2579 IDT-IDT71V2579 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BG IDT-IDT71V2579S75BG Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BGI IDT-IDT71V2579S75BGI Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BQ IDT-IDT71V2579S75BQ Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BQI IDT-IDT71V2579S75BQI Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V2579YSA75BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V67703 IDT-IDT71V67703_14 Datasheet
248Kb / 20P
   3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com