Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLX-2143 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLX-2143
Description  1700-2200 MHz High Linearity Low Noise Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLX-2143 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLX-2143 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLX-2143 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product
for use in life-support devices and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS-102501 Rev B
Preliminary
The Sirenza Microdevices’ SLX-2143 is a low noise ampli-
fier module operating in the 1700 - 2200 MHz frequency
band. This device has been optimized to serve high linear-
ity base station applications where a high intercept point is
required with low noise figure. The SLX-2143 uses PHEMT
device technology, internal bias circuitry, and proven
ceramic module technology to yield a high performance
product with proven reliability. Internal RF matching is also
included on both the input and output to provide an easy to
implement, unconditionally stable, 50 ohm circuit block.
Product Specifications
Symbol
Parameters
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
FO
Frequency Range
GHz
1.7
2.0
>2.0
2.2
S21
Gain
dB
13.5
15
16.5
13
14.5
16
S11
Input Return Loss
dB
10
12
10
12
S22
Output Return Loss
dB
10
13
10
13
NF
Noise Figure
dB
1.05
1.3
1.05
1.3
OIP3
Output Third Order Intercept Point
dBm
32
34
33
35
P1dB
Compression Point
dBm
20
19
GD
Group Delay
ns
<0.5
<0.5
Deviation from Linear Phase (over 100MHz)
degrees
<0.15
<0.1
S12
Reverse Isolation
dB
-23
-23
Vdd
Supply Voltage
V
4.75
5
5.25
Idd
Supply Current
mA
90
108
120
Rth
Thermal Resistance (junction-back)
ºC/W
80
All parameters measured in a 50 ohm system, Vdd=5V, T=25ºC. OIP3 measured at a power of 6dBm per tone, 6MHz tone spacing.
NOTE: For applications between 2.2 - 2.5GHz please contact apps@sirenza.com
Noise Figure
SLX-2143
1700-2200 MHz High Linearity
Low Noise Amplifier Module
Product Features
Applications
Very Low Noise Figure, 1.05dB
High OIP
3 = +35dBm at 2GHz
Gain = 15dB, Low Gain Slope
50Input/Output Match, Stable
Single Supply Operation, Self Biased
PCS, TDMA, CDMA, WCDMA receivers
Product Description
Noise Figure
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)


Similar Part No. - SLX-2143

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLX-2143 SIRENZA-SLX-2143 Datasheet
161Kb / 7P
   1700-2200 MHz High Linearity
More results

Similar Description - SLX-2143

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SLX-2043 STANFORD-SLX-2043 Datasheet
78Kb / 5P
   1700-2500 MHz High Linearity Low Noise Amplifier Module
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T_1 Datasheet
169Kb / 5P
   1700-2000 MHz High Linearity Low Noise Amplifier Module
SLX-2143 SIRENZA-SLX-2143 Datasheet
161Kb / 7P
   1700-2200 MHz High Linearity
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
logo
Skyworks Solutions Inc.
SKY65105 SKYWORKS-SKY65105 Datasheet
169Kb / 11P
   1700 - 2200 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65105 ETC1-CX65105 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
   1700-2000 MHz High Linearity
logo
Filtronic Compound Semi...
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
Guerrilla RF, Inc.
GRF5317 GUERRILLA-GRF5317 Datasheet
1Mb / 18P
   HIGH LINEARITY POWER AMPLIFIER 1700 to 2000 MHz
May 18, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com