Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78000AAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000AAS
Description  1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000AAS Datasheet(HTML) 1 Page - Texas Instruments

  PTN78000AAS Datasheet HTML 1Page - Texas Instruments PTN78000AAS Datasheet HTML 2Page - Texas Instruments PTN78000AAS Datasheet HTML 3Page - Texas Instruments PTN78000AAS Datasheet HTML 4Page - Texas Instruments PTN78000AAS Datasheet HTML 5Page - Texas Instruments PTN78000AAS Datasheet HTML 6Page - Texas Instruments PTN78000AAS Datasheet HTML 7Page - Texas Instruments PTN78000AAS Datasheet HTML 8Page - Texas Instruments PTN78000AAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
1
4
2
3
5
VI
C2*
2 x 4.7 F
Ceramic
(Required)
m
C1*
100 F
Electrolytic
(Required)
m
C3*
100 F
Electrolytic
(Required)
m
GND
GND
VO
PTN78000A
(Top View)
*See the
for capacitor recommendation.
Application Information
#R
SET is required to adjust the output voltage lower than -3 V. See the
for values.
Application Information
STANDARD APPLICATION
RSET#
1 %, 0.05 W
(Required)
+
PTN78000A
SLTS246A – APRIL 2005 – REVISED MAY 2005
1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
General-Purpose, Industrial Controls,
1.5-A Output Current
HVAC Systems, Test and Measurement,
Wide-Input Voltage
Medical Instrumentation, AC/DC Adaptors,
(7 V to 29 V)
Vehicles, Marine, and Avionics
Wide-Output Voltage Adjust
(–15 V to –3 V)
High Efficiency (Up to 84%)
Output Current Limit
Overtemperature Shutdown
Operating Temperature: –40°C to 85°C
Surface-Mount Package Available
The PTN78000A is a series of high-efficiency, buck-boost integrated switching regulators (ISR), that represent
the third generation in the evolution of the PT78NR100 series of products. In new designs, it should be
considered in place of the PT78NR100 series of single in-line pin (SIP) products. The PTN78000A is smaller and
lighter than its predecessor, and has either similar or improved electrical performance characteristics. The
caseless, double-sided package also exhibits improved thermal characteristics, and is compatible with TI's
roadmap for RoHS and lead-free compliance.
Operating from a wide-input voltage range, the PTN78000A provides high-efficiency, positive-to-negative voltage
conversion for loads of up to 1.5 A. The output voltage is set using a single external resistor, and may be set to
any value within the range, –15 V to –3 V.
The PTN78000A has undervoltage lockout, and is suited to a wide variety of general-purpose applications that
operate off 12-V, 24-V, or tightly regulated 28-V dc power.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTN78000AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
More results

Similar Description - PTN78000AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com