Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201-XX Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC1201-XX
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201-XX Datasheet(HTML) 5 Page - OKI electronic componets

  MSC1201-XX Datasheet HTML 1Page - OKI electronic componets MSC1201-XX Datasheet HTML 2Page - OKI electronic componets MSC1201-XX Datasheet HTML 3Page - OKI electronic componets MSC1201-XX Datasheet HTML 4Page - OKI electronic componets MSC1201-XX Datasheet HTML 5Page - OKI electronic componets MSC1201-XX Datasheet HTML 6Page - OKI electronic componets MSC1201-XX Datasheet HTML 7Page - OKI electronic componets MSC1201-XX Datasheet HTML 8Page - OKI electronic componets MSC1201-XX Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
¡ Semiconductor
MSC1201-xx
5/20
PIN DESCRIPTIONS
VDD
Power Supply
Dimming select input. When the high level is input, daylight-mode output duty cycle
is about 100% for each grid time for PWM conversion and digital dimming mode.
When the low level is input, the dark-mode output duty cycle is determined by the
duty cycle of the PWM signal input to PWM IN and the digital dimming output duty
cycle is determined by digital dimming data.
Serial clock input. Data that is input through "DATA" pin is input and output by
synchronization with the rising edge of the serial clock.
Chip select input. Only when the high level is input to this pin, interfacing with a MCU
is available through "CLOCK" and "DATA" pins.
Therefore, 2-signal lines of "CLOCK" and "DATA" can be shared with other peripherals.
CS
CLOCK
I
I
INH
TEST1
Serial data output. Data is shifted out at the rising edge of the serial clock with the
delay of 64-bit time. This pin is used for cascading this LSI with other drivers such
as a LED driver.
PWM signal input.
Pin
Symbol
GND
Description
Segment output pin for VFD
Input which receives display data and digital dimming data from a MCU. Data is
shifted in at the rising edge of the shift clock.
OSC1
SEG1-30
I/O
I
O
Ground
O
GRID1, 2
Grid 1 and Grid 2 output pins for VFD
OSC0
RC oscillation pins. Connect a resistor between OSC1 and OSC0 pin and a capacitor
between OSC0 and GND pin.
I
O
DATA
Test signal input pin. As this pin is used for shipping test of the LSI, leave open in the
normal operation mode.
DATA
OUT
PWMIN
VK
I
I
I
I
O
Blank Display input with a built-in pull-up resistor. When set to "L", all the drivers
output "L". When display duly is not controlled by this signal, leave this pin open.
1-9
24-44
10, 11
16
15
18
20
19
23
22
14
21
13
12
17


Similar Part No. - MSC1201-XX

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
Burr-Brown (TI)
MSC1201Y2 BURR-BROWN-MSC1201Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1201-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
   42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
   63-Bit Triplex Controller/Driver with Digital Dimming Function
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
   111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com