Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7839 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MX7839
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7839 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MX7839 Datasheet HTML 2Page - Maxim Integrated Products MX7839 Datasheet HTML 3Page - Maxim Integrated Products MX7839 Datasheet HTML 4Page - Maxim Integrated Products MX7839 Datasheet HTML 5Page - Maxim Integrated Products MX7839 Datasheet HTML 6Page - Maxim Integrated Products MX7839 Datasheet HTML 7Page - Maxim Integrated Products MX7839 Datasheet HTML 8Page - Maxim Integrated Products MX7839 Datasheet HTML 9Page - Maxim Integrated Products MX7839 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
6
_______________________________________________________________________________________
ZERO-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
2
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
010
OUT
LDAC
5V/div
5mV/div
MAJOR CARRY GLITCH IMPULSE
(0xOFFF–0x1000)
MX7839 toc13
2
µs/div
MX7839 toc14
2
µs/div
OUT
LDAC
MAJOR CARRY GLITCH IMPULSE
(0x1000–0xOFFF)
5V/div
5mV/div
GAIN ERROR vs. VREF
(VREF+ - VREF-)
VREF (V)
8
6
4
2
-0.8
-0.6
-0.2
-0.4
0
0.2
0.4
0.6
1.0
0.8
-1.0
010
DNL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
24
-0.4
-0.2
-0.3
-0.1
0
0.2
0.1
0.3
0.4
0.5
-0.5
010
FULL-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
24
-0.6
-0.8
-0.4
-0.2
0.2
0
0.4
0.8
0.6
1.0
-1.0
010
-40
-20
-30
0
-10
20
10
30
-40
-10
5
-25
20
35
50
65
80
SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ZERO-SCALE OUTPUT,
SINKING CURRENT
FULL-SCALE OUTPUT,
SOURCING CURRENT
Typical Operating Characteristics (continued)
(VDD = +15V ±5%, VSS = -15V ±5%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, TA = +25°C,
unless otherwise noted.)
INL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
8
6
4
2
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
010


Similar Part No. - MX7839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AN MAXIM-MX7837AN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AQ MAXIM-MX7837AQ Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AR MAXIM-MX7837AR Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837BN MAXIM-MX7837BN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
More results

Similar Description - MX7839

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com