Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1241A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC1241A
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1241A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC1241A Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1241A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Advanced Brushless Motor
Control Chipset
MC1231A
MC1131A
Supports 3-phase as well as 2-phase
brushless motors
Performs trajectory generation, servo
loop closure, and commutation
Ultra-smooth sinusoidal commutation
Open or closed loop operation
Software and feature-compatible with
other 1st generation PMD chipsets
Available in 1 or 2 axis configurations
32-bit position, velocity, acceleration and
jerk trajectory profile registers
Choice of S-curve, trapezoidal, or
contoured velocity profile modes
Electronic Gearing
Two travel-limit switches per axis
Choice of PWM or DAC motor output
signals
Easy-to-use packet-oriented command
protocol
Features
General Description
The MC1231A is a dedicated motion processor which functions
as a complete chip-based motor controller. Packaged in a 2-IC
chipset, this device performs trajectory generation, servo loop
closure, and sinusoidal commutation. The chipset inputs
incremental encoder signals and outputs PWM or
DAC-compatible motor command signals. The MC1231A is
available in a one, or a two-axis configuration.
The MC1231A is functionally similar to other members of
PMD's 1st generation chipset family however it adds the ability
to perform sinusoidal commutation of brushless motors. All of
these devices provide sophisticated motion control capabilities
allowing the creation of complex profile sequences with very low
tracking errors.
Both two and three-phase brushless motors are supported by
the MC1231A. When used with two-phase brushless motors
each phase is separated by 90 degrees. When used with
3-phase brushless motors each phase is separated by 120
degress. The commutation angle is continuously calculated
using the encoder position. User-programmable commutation
parameters allow a very wide range of encoders and motors to
be controlled.
The chipset is controlled by a host processor which interfaces
with the chipset via an 8-bit, bi-directional port. Communications
to/from the chipset consist of packet-oriented messages.
The chipset is packaged in 2 68-pin PLCC packages. Both
chips utilize CMOS technology and are powered by 5 volts.
Doc. Rev. 10.05, Nov 1997
Commutation Waveforms
Phase A
Phase B
Phase C
Phase A
Phase B
3-Phase Brushless
2-Phase Brushless
Performance Motion Devices, Inc. 12 Waltham St. Lexington, MA 02421 tel: 781.674.9860 fax: 781.674.9861 www.pmdcorp.com


Similar Part No. - MC1241A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1241A ETC-MC1241A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
More results

Similar Description - MC1241A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com