Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5319 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5319 Datasheet HTML 1Page - Micrel Semiconductor MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC5319
Micrel
October 2004
4
M9999-100604
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
PSRR
(Bypass Pin Cap = 0.01µF)
50mA
500mA
100µA
1k
10
100
10k
100k
1M
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
PSRR
(Bypass Pin Cap = 0.1µF)
50mA
500mA
100µA
1k
10
100
10k
100k
1M
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
55
60
65
70
75
80
85
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Ground Current
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
Cbyp = 0.01uF
0
10
20
30
40
50
60
70
80
90
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Ground Current
Iload = 50mA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Ground Current
Iload = 150mA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Ground Current
Iload = 300mA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
100
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Ground Current
Iload = 500mA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
100
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Ground Current
Iload = 50mA
Vout = 2.8V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
100
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Ground Current
Iload = 150mA
Vout = 2.8V
Cout = 2.2 uF
0
10
20
30
40
50
60
70
80
90
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Ground Current
Iload = 500mA
Vout = 2.8V
Cout = 2.2uF
0
0.5
1
1.5
2
2.5
3
0123
45
INPUT VOLTAGE (V)
Dropout Characteristics
50mA
150mA
500mA
0
5
10
15
20
25
30
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Dropout Voltage
Iload = 50mA
Vout = 2.8V
Cout = 2.2uF


Similar Part No. - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-1.3HYD5 MICREL-MIC5319-1.3HYD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.3HYML MICREL-MIC5319-1.3HYML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YD5 MICREL-MIC5319-1.85YD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YML MICREL-MIC5319-1.85YML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.8BML MICREL-MIC5319-1.8BML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results

Similar Description - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com