Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1401A Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MC1401A
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1401A Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MC1401A Datasheet HTML 11Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 12Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 13Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 14Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 15Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 16Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 17Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 18Page - List of Unclassifed Manufacturers MC1401A Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
15
IC
Pin Name
Pin #
Description/Functionality
CP Chip Pinouts
CP
PWMMag1
PWMMag2
PWMMag3
PWMMag4
PWMMag5
PWMMag6
8
7
2
1
66
65
PWM motor output magnitude signals (output). When the chip set is in PWM output mode
these pins provide the Pulse Width Modulated magnitude signal to the motor amplifier.The
PWM signals are output for each motor axis as follows:
3-Phase Brushless
2-Phase Brushless
Signal
Axis #
Phase
Signal
Axis #
Phase
PWMMag1
1
A
PWMMag1
1
A
PWMMag2
1
B
PWMMag2
1
B
PWMMag3
1
C
PWMMag3
2
A
PWMMag4
2
A
PWMMag4
2
B
PWMMag5
2
B
PWMMag6
2
C
NOTE: If using the MC1231A with one axis in 3-phase and the other axis in 2-phase mode, to
avoid pin conflict, axis 1 should be assigned to 2-phase output, and axis 2 to 3-phase
The PWM resolution is 10 bits, frequency = 24.5Kz.
CP
PosLimit1
PosLimit2
52
45
Positive limit switch input for axis 1-2. These signals provide directional limit inputs for the
positive-side travel limit of the axis. Upon powerup these signals default to "active high"
interpretation, but the interpretation can be set explicitly using the SET_LMT_SENSE
command. (See Host Command Section for more info.) If not used these signals should be
tied low for the default interpretation, or tied high if the interpretation is reversed.
NOTE: For MC1231A both pins are valid. For MC1131A pins for axes 1 only are valid. Invalid
axis pins can be left un connected.
CP
NegLimit1
NegLimit2
51
44
Negative limit switch input for axis 1-2. These signals provide directional limit inputs for the
negative-side travel limit of the axis. Upon powerup these signals default to "active high"
interpretation, but the interpretation can be set explicitly using the SET_LMT_SENSE
command. (See Host Command Section for more info.) If not used these signals should be
tied low for the default interpretation, or tied high if the interpretation is reversed.
NOTE: For MC1231A both pins are valid. For MC1131A pins for axis 1 only are valid. Invalid
axis pins can be left un connected.
CP
DAC16Addr0
DAC16Addr1
30
29
Axis Address used during 16-bit DAC motor command output (output). These signals encode
the motor output axis address as shown in the table below (both 3-phase and 2-phase
waveforms)
Dac16Addr1
Dac16Addr0
Addressed Encoder
Low
Low
Axis 1 phase A
Low
High
Axis 1 phase B
High
Low
Axis 2 phase A
High
High
Axis 2 phase B
Note: When connecting to 3-phase brushless motors only two of the three required phase
outputs are provided in the DAC output mode. The third phase (phase C) is constructed
external to the chipset, usually by the amplifier. See theory of operations for more
information.
To write a valid DAC motor command value DACSlct (I/O chip) and I/OAddr0-3 (CP chip)
must be high, and I/OWrite (CP chip) must be low. The 16 bit DAC data word is organized as
follows: High twelve bits are in Data0-11 (CP chip), and low 4 bits are in DACLow0-3 (CP
chip).
CP
ClkIn
24
Clock In (input). This pin provides the chip set master clock (Fclk = 25.0 Mhz)


Similar Part No. - MC1401A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC14010AL ETC-MC14010AL Datasheet
278Kb / 5P
   HEX BUFFERS
MC14010CL ETC-MC14010CL Datasheet
278Kb / 5P
   HEX BUFFERS
MC14010CP ETC-MC14010CP Datasheet
278Kb / 5P
   HEX BUFFERS
MC14010N ETC1-MC14010N Datasheet
366Kb / 5P
   MC14009N
logo
ON Semiconductor
MC14011 ONSEMI-MC14011 Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
More results

Similar Description - MC1401A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com