Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9996 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9996
Description  SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9996 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9996 Datasheet HTML 1Page - Maxim Integrated Products MAX9996 Datasheet HTML 2Page - Maxim Integrated Products MAX9996 Datasheet HTML 3Page - Maxim Integrated Products MAX9996 Datasheet HTML 4Page - Maxim Integrated Products MAX9996 Datasheet HTML 5Page - Maxim Integrated Products MAX9996 Datasheet HTML 6Page - Maxim Integrated Products MAX9996 Datasheet HTML 7Page - Maxim Integrated Products MAX9996 Datasheet HTML 8Page - Maxim Integrated Products MAX9996 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
5
45
50
70
80
60
65
75
55
85
1500
1700
1900
2100
2300
2LO-2RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +25
°C
TC = -25
°C
TC = +85
°C
PRF = -5dBm
45
50
70
80
60
65
75
55
85
1500
1700
1900
2100
2300
2LO-2RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
PRF = -5dBm
45
50
70
80
60
65
75
55
85
1500
1700
1900
2100
2300
2LO-2RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
70
80
60
65
75
55
95
90
85
1500
1700
1900
2100
2300
3LO-3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
TC = +25
°C
TC = +85
°C
TC = -25
°C
70
80
60
65
75
55
95
90
85
1500
1700
1900
2100
2300
3LO-3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
PLO = -3dBm, 0dBm, +3dBm
70
80
60
65
75
55
95
90
85
1500
1700
1900
2100
2300
3LO-3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
13
11
12
14
10
15
1500
1700
1900
2100
2300
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +85
°C
TC = -25
°C
TC = +25
°C
13
11
12
14
10
15
1500
1700
1900
2100
2300
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
13
11
12
14
10
15
1500
1700
1900
2100
2300
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
Typical Operating Characteristics (continued)
(MAX9996 Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fLO > fRF, fIF = 200MHz, unless otherwise noted.)


Similar Part No. - MAX9996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9996 MAXIM-MAX9996 Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
More results

Similar Description - MAX9996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
   SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com