Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38747E9D-XXXFS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M38747E9D-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38747E9D-XXXFS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M38747E9D-XXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38747E9D-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
5
3874 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
VCC, VSS
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 3.0 V – 5.5 V to Vcc, and 0 V to Vss.
•Reference voltage input pin for A-D and D-A conver ters.
•Analog power source input pin for A-D and D-A converters.
•Connect to VSS.
•Reset input pin for active “L.”
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•Feedback resistor is built in between XIN pin and XOUT pin.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•8-bit I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
Power source input
Table 1 Pin description (1)
Function except a port function
Reference voltage input
Analog power source
input
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
I/O port P3
VREF
AVSS
RESET
Reset input
XIN
XOUT
P00–P07
P10–P17
P20–P27
P30–P37
•Sub-clock generating circuit I/O
pins connect a resonator.
(This circuit cannot be operated by
an external clock.)
•Interrupt input pins
P40/XCOUT,
P41/XCIN
P42/INT1,
P43/INT2
P44/RXD,
P45/TXD,
P46/SCLK1,
P47/SRDY1
P50/TOUT
P51/INT3
P53/INT5
P54/CNTR0,
P55/CNTR1
P56/RTP0,
P57/RTP1
•Serial I/O1 function pins
•Timer 2 output pin
•Interrupt input pins
•Timer X, timer Y function pins
•Real time port function pins
I/O port P4
I/O port P5
•8-bit I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.


Similar Part No. - M38747E9D-XXXFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3874 HEYCO-M3874 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38747E9D-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com