Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3705Z Datasheet(PDF) 7 Page - International Rectifier

Part # IRLR3705Z
Description  Specifically designed for Automotive applications,this HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3705Z Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLR3705Z Datasheet HTML 3Page - International Rectifier IRLR3705Z Datasheet HTML 4Page - International Rectifier IRLR3705Z Datasheet HTML 5Page - International Rectifier IRLR3705Z Datasheet HTML 6Page - International Rectifier IRLR3705Z Datasheet HTML 7Page - International Rectifier IRLR3705Z Datasheet HTML 8Page - International Rectifier IRLR3705Z Datasheet HTML 9Page - International Rectifier IRLR3705Z Datasheet HTML 10Page - International Rectifier IRLR3705Z Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRLR/U3705Z
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆Tj = 25°C due to
avalanche losses. Note: In no
case should Tj be allowed to
exceed Tjmax
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 42A


Similar Part No. - IRLR3705Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR3705Z ISC-IRLR3705Z Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3705ZPBF IRF-IRLR3705ZPBF Datasheet
349Kb / 11P
   AUTOMOTIVE MOSFET HEXFET Power MOSFET
IRLR3705ZPBF IRF-IRLR3705ZPBF Datasheet
346Kb / 11P
   Advanced Process Technology
IRLR3705ZPBF IRF-IRLR3705ZPBF_15 Datasheet
346Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLR3705Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
179Kb / 7P
   MOS FET type transistor specifically designed for HF High power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com