Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC257 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC257
Description  Quad 2-Input Date Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC257 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC257 Datasheet HTML 1Page - Integral Corp. IN74AC257 Datasheet HTML 2Page - Integral Corp. IN74AC257 Datasheet HTML 3Page - Integral Corp. IN74AC257 Datasheet HTML 4Page - Integral Corp. IN74AC257 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC257
359
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Nibble A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
8.5
6.0
1.0
1.0
9.0
7.0
ns
tPHL
Propagation Delay, Nibble A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
8.5
6.0
1.0
1.0
9.0
7.0
ns
tPLH
Propagation Delay, Select to Output Y (Figure
2)
3.3
5.0
1.5
1.5
10.5
7.5
1.5
1.0
11.5
8.5
ns
tPHL
Propagation Delay, Select to Output Y (Figure
2)
3.3
5.0
1.5
1.5
10.5
7.5
1.5
1.0
11.5
8.5
ns
tPZH
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
9.5
7.5
1.0
1.0
10.5
8.5
ns
tPZL
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
9.0
8.5
1.0
1.0
10.0
9.5
ns
tPHZ
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
10.0
9.0
1.0
1.0
11.0
10.0
ns
tPLZ
Propagation Delay, Output Enable to
Output Y (Figure 3)
3.3
5.0
1.5
1.5
9.0
8.0
1.0
1.0
10.0
9.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74AC257

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC257 IKSEMICON-IN74AC257 Datasheet
199Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74AC257D IKSEMICON-IN74AC257D Datasheet
199Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74AC257N IKSEMICON-IN74AC257N Datasheet
199Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC257

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT258 KODENSHI-KK74ACT258 Datasheet
274Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT257 IKSEMICON-IN74ACT257 Datasheet
260Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC257 KODENSHI-KK74AC257 Datasheet
278Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74ACT257 KODENSHI-KK74ACT257 Datasheet
274Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC258 IKSEMICON-IN74AC258 Datasheet
198Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74AC257 IKSEMICON-IN74AC257 Datasheet
199Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74ACT258 IKSEMICON-IN74ACT258 Datasheet
260Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC258 KODENSHI-KK74AC258 Datasheet
278Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HC257 INTEGRAL-IN74HC257 Datasheet
116Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC257A KODENSHI-KK74HC257A Datasheet
225Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com