Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF01-100 Datasheet(PDF) 2 Page - Protek Devices

Part # EMIF01-100
Description  EMI FILTER/TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF01-100 Datasheet(HTML) 2 Page - Protek Devices

  EMIF01-100 Datasheet HTML 1Page - Protek Devices EMIF01-100 Datasheet HTML 2Page - Protek Devices EMIF01-100 Datasheet HTML 3Page - Protek Devices EMIF01-100 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05187.R0 8/03
EMIF01-100
thru
EMIF01-150
DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ V
WM
I
D
µA
TYPICAL
FORWARD
VOLTAGE
I@50mA, 8/
20µs
V
F
VOLTS
MAXIMUM
CAPACITANCE
(See Note 1)
@ 0V, 1 MHz
C
pF
EMIF01-100
EMIF01-150
E10
E15
6.0
6.0
0.5
0.5
1.0
1.0
26
26
CUT-OFF
FREQUENCY
MHz
220
200
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.0
3.0
Note 1: Cin between pins 1 & 2, 3 & 2, 4 & 2 and 5 & 2.
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
18
Watts
100 to 150
Ohms
R
Typical Series Resistance per Line
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
10
100
1,000
18W, 8/20µs Waveform
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2


Similar Part No. - EMIF01-100

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF01-100 PROTEC-EMIF01-100 Datasheet
80Kb / 4P
   EMI FILTER/ TVS ARRAY
logo
STMicroelectronics
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3 Datasheet
131Kb / 10P
   1 line IPAD, EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
   1 line IPAD?? EMI filter and ESD protection in Micro QFN package
More results

Similar Description - EMIF01-100

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com