Electronic Components Datasheet Search |
|
IDT74ALVC245 Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT74ALVC245 Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 6 page INDUSTRIALTEMPERATURERANGE IDT74ALVC245 3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 Open VLOAD GND VCC Pulse Generator D.U.T. 500 Ω 500 Ω CL RT VIN VOUT (1, 2) INPUT VIH 0V VOH VOL tPLH1 tSK (x) OUTPUT 1 OUTPUT 2 tPHL1 tSK (x) tPLH2 tPHL2 VT VT VOH VT VOL tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1 DATA INPUT 0V 0V 0V 0V tREM TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL tSU tH tSU tH VIH VT VIH VT VIH VT VIH VT LOW-HIGH-LOW PULSE HIGH-LOW-HIGH PULSE VT tW SAME PHASE INPUT TRANSITION OPPOSITE PHASE INPUT TRANSITION 0V 0V VOH VOL tPLH tPHL tPHL tPLH OUTPUT VT VIH VT VT VIH VT CONTROL INPUT tPLZ 0V OUTPUT NORMALLY LOW tPZH 0V SWITCH CLOSED OUTPUT NORMALLY HIGH ENABLE DISABLE SWITCH OPEN tPHZ 0V VLZ VOH VT VT tPZL VLOAD/2 VLOAD/2 VIH VT VOL VHZ ALVC Link ALVC Link ALVC Link ALVC Link ALVC Link ALVC Link TEST CIRCUITS AND WAVEFORMS Propagation Delay Test Circuit for All Outputs Enable and Disable Times Set-up, Hold, and Release Times NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank. DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate ≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns. 2. Pulse Generator for All Pulses: Rate ≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns. Output Skew - tSK(X) Pulse Width Symbol VCC(1)=3.3V±0.3V VCC(1)=2.7V VCC(2)=2.5V±0.2V Unit VLOAD 6 6 2 x Vcc V VIH 2.7 2.7 Vcc V VT 1.5 1.5 Vcc / 2 V VLZ 300 300 150 mV VHZ 300 300 150 mV CL 50 50 30 pF TEST CONDITIONS SWITCH POSITION Test Switch Open Drain Disable Low VLOAD Enable Low Disable High GND Enable High All Other Tests Open |
Similar Part No. - IDT74ALVC245 |
|
Similar Description - IDT74ALVC245 |