Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC0302 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZC0302
Description  VGA & CIF USB PC Camera Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZC0302 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZC0302 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZC0302 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Mar. 2002
9
ZC0302
VGA & CIF USB PC Camera Controller
Pin
Type
Function
48 Pin
LQFP
CS_D[4]
I, PD
Sensor data
7
CS_D[3]
I, PD
Sensor data
8
CS_D[2]
I, PD
Sensor data
9
CS_D[1]
I, PD
Sensor data
10
CS_D[0]
I, PD
Sensor data
11
PWUP_RST
I, Schmitt
Power on reset, active low
12
CLKXIN
I
Crystal input
13
CLKXOUT
O
Crystal output
14
DVSS
P
Core ground
15
VSS_USB
P
USB transceiver ground
16
DP
I/O
USB data
17
DM
I/O
USB data
18
VDD_USB
P
USB transceiver power
19
SUSPENDB
O
Active-low suspend
21
DVDD
P
Core power
22
SNAPB
I, PU
Snapshot and remote wake up, active low
23
GND_A
P
IADC analog ground
24
VDD_A
P
IADC analog power
25
MIC
A
IADC microphone input
26
GND_REF
A
IADC input ground reference
27
VREFOUT
A
IADC reference voltage
28
VCM
A
IADC common-mode voltage
29
TEST
I, PD
Manufacturing test mode
31
PIO[0]
I/O, PD
General purpose I/O
32
PIO[1]
I/O, PD
General purpose I/O
33
PIO[2]
I/O, PD
General purpose I/O
34
ESCK
O
SEEPROM clock
35
PIO[3]
I/O, PD
General purpose I/O
36
ESDA
I/O, Schmitt
EEPRPOM data
37
CS_PWDB
O
Power-down pin controlling DC/DC regulator
38
VSYNC
I/O, PD
Vertical synchronous signal
39
HSYNC
I/O, PD
Horizontal synchronous signal
40
OVSS
P
I/O ground
41
OVSS
P
I/O ground
41
CS_CLK
O
Sensor clock
42
OVDD
P
I/O power
43
SCK / SICLK
O, PD
Serial interface clock
45
SDA / SIVAL
I/O, Schmitt
Serial interface data
46
CS_ENB / SI_EN O, PD
Sensor power enable / Serial interface enable
47
CS_RSTB /
AECNT
O, PD
Sensor reset / auto exposure for TASC VGA sensor
48
TABLE 3.1 ZC0302 PIN DESCRIPTIONS


Similar Part No. - ZC0302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
More results

Similar Description - ZC0302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
   USB 2.0 PC Camera Controller
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
   VGA PC Camera Single-Chip
PAC7352 PIXART-PAC7352 Datasheet
1Mb / 12P
   PAC7352 USB 2.0 VGA Camera SoC
logo
Leopard Imaging Inc.
LI-OV580-OV7251ST LEOPARD-LI-OV580-OV7251ST Datasheet
1Mb / 4P
   VGA Mono Stereo USB 3.0 camera
logo
Pixart Imaging Inc.
PAP7501V PIXART-PAP7501V Datasheet
314Kb / 12P
   USB2.0 PC Camera Controller
PAC7301 PIXART-PAC7301 Datasheet
792Kb / 24P
   PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
   VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
   VGA PC Camera Single-Chip with Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com