Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSE128K16-35H1C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSE128K16-35H1C
Description  128KX16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSE128K16-35H1C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSE128K16-35H1C Datasheet HTML 1Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 2Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 3Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 4Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 5Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 6Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 7Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 8Page - List of Unclassifed Manufacturers WSE128K16-35H1C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WSE128K16-XXX
TOP VIEW
FIG. 2 PIN CONFIGURATION FOR WSE128K16-XG2TX
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
GND
SD8
SD9
SD10
SD11
SD12
SD13
SD14
SD15
ED0
ED1
ED2
ED3
ED4
ED5
ED6
ED7
GND
ED8
ED9
ED10
ED11
ED12
ED13
ED14
ED15
BLOCK DIAGRAM
PIN DESCRIPTION
ED0-15
EEPROM Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE1-2
SRAM Write Enable
SCS1-2
SRAM Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
EWE1-2
EEPROM Write Enable
ECS1-2
EEPROM Chip Select
The WEDC 68 lead G2T CQFP
fills the same fit and function as
the JEDEC 68 lead CQFJ or 68
PLCC. But the G2T has the TCE
and lead inspection advantage
of the CQFP form.
0.940"
EWE ECS
E WE ECS
SWE SCS
128K x 8
SRAM
8
SD 0-7
1
1
128K x 8
SRAM
8
SD 8-15
2
2
128K x 8
EEPROM
8
ED 0-7
1
1
128K x 8
EEPROM
8
ED 8-15
2
2
A 0- 16
OE
SWE SCS


Similar Part No. - WSE128K16-35H1C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-35H1C WEDC-WSE128K16-35H1C Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WSE128K16-35H1CA WEDC-WSE128K16-35H1CA Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-35H1C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com