Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC284-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC284-ADJ
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC284-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC284-ADJ Datasheet HTML 2Page - Texas Instruments UCC284-ADJ Datasheet HTML 3Page - Texas Instruments UCC284-ADJ Datasheet HTML 4Page - Texas Instruments UCC284-ADJ Datasheet HTML 5Page - Texas Instruments UCC284-ADJ Datasheet HTML 6Page - Texas Instruments UCC284-ADJ Datasheet HTML 7Page - Texas Instruments UCC284-ADJ Datasheet HTML 8Page - Texas Instruments UCC284-ADJ Datasheet HTML 9Page - Texas Instruments UCC284-ADJ Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UCC284–5, UCC284–12, UCC284–ADJ, UCC384–5, UCC384–12, UCC384–ADJ
LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
SLUS234D – JANUARY 2000 – REVISED FEBRUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
UCC384 short-circuit timing (continued)
During an overcurrent condition, the regulator actively limits the maximum output current to the peak-current
limit. This limits the output voltage of the regulator to:
V
OUT +
I
PEAK
R
L
(1)
If the output current stays above the overcurrent threshold, the voltage on the SD/CT pin reaches –2.6 V with
respect to GND and the output turns off. The CT capacitor is then discharged by a 1-
µA current source. When
the voltage on the SD/CT pin reaches –1.6 V with respect to GND, the output turns back on. This process repeats
until the output current falls below the overcurrent threshold.
tON, the time the output is on during an overcurrent condition is determined by the following equation:
t
ON +
CT (
mF)
1V
40
mA
seconds
(2)
tOFF, the time the output is off during an overcurrent condition is determined by the following equation:
t
OFF +
CT (
mF)
1V
1
mA
seconds
(3)
capacitive loads
A capacitive load on the regulator’s output appears as a short-circuit during start-up. If the capacitance is too
large, the output voltage does not begin to regulate during the initial tON period and the UCC384 enters a pulsed
mode operation. For a constant current load the maximum allowed output capacitance is calculated as follows:
C
OUT(max) +
I
PEAK
(A)
* I
LOAD
(A)
t
ON
(sec)
V
OUT
(V)
Farads
(4)
For worst case calculations, the minimum value for tON should be used, which is based on the value of CT
capacitor selected. For a resistive load the maximum output capacitor can be estimated as follows:
C
OUT(max) +
t
ON
(sec)
R
LOAD
(
W)
n
1
1*
V
OUT
(V)
I
MAX
(A)
R
LOAD
(
W)
Farads
(5)
Figure 6 and Figure 7 are oscilloscope photos of the UCC384–ADJ operating during an overcurrent condition.
Figure 6 shows operation of the circuit as the output current initially rises above the overcurrent threshold. This
is shown on a 1ms/div. scale. Figure 7 shows operation of the same circuit on a 25 ms/div. scale showing one
complete cycle of operation during an overcurrent condition.


Similar Part No. - UCC284-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-ADJ TI-UCC284-ADJ Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
More results

Similar Description - UCC284-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com