Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3803 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3803
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3803 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3803 Datasheet HTML 5Page - Texas Instruments TPS3803 Datasheet HTML 6Page - Texas Instruments TPS3803 Datasheet HTML 7Page - Texas Instruments TPS3803 Datasheet HTML 8Page - Texas Instruments TPS3803 Datasheet HTML 9Page - Texas Instruments TPS3803 Datasheet HTML 10Page - Texas Instruments TPS3803 Datasheet HTML 11Page - Texas Instruments TPS3803 Datasheet HTML 12Page - Texas Instruments TPS3803 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPS380301Q1, TPS3803G15Q1, TPS3805H33Q1
VOLTAGE DETECTOR
SGLS228 − DECEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
5
4.5
4
3.5
−4
−3
−2
−1
5.5
6
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
3
0
85
°C
0
°C
25
°C
−40
°C
VDD = 6 V
V(SENSE) = High
Figure 10
5.4
5.2
5
4.8
−14
−12
−10
−8
−6
−4
5.6
5.8
6
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
4.6
−2
0
85
°C
0
°C
25
°C
−40
°C
VDD = 6 V
V(SENSE) = High
(Expanded View)
Figure 11
1.0005
1.0000
0.9995
0.9990
−40
−20
0
20
40
60
80
1.0010
1.0015
TPS3803−01
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT SENSE
1.0020
TA − Free-Air Temperature at SENSE − °C
0.9985
0.9980
VDD = 6 V
RESET = 100 k
Ω to VDD
Figure 12
7
6
5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
8
9
MINIMUM PULSE DURATION AT VDD
vs
VDD THRESHOLD OVERDRIVE VOLTAGE
10
0.7
0.8
0.9
1
3
2
1
0
VDD − Threshold Overdrive Voltage − V


Similar Part No. - TPS3803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803 TI-TPS3803 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803 TI-TPS3803 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS3803 TI1-TPS3803 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI-TPS3803-01 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com