Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6500 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA6500
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA6500 Datasheet HTML 29Page - NXP Semiconductors TDA6500 Datasheet HTML 30Page - NXP Semiconductors TDA6500 Datasheet HTML 31Page - NXP Semiconductors TDA6500 Datasheet HTML 32Page - NXP Semiconductors TDA6500 Datasheet HTML 33Page - NXP Semiconductors TDA6500 Datasheet HTML 34Page - NXP Semiconductors TDA6500 Datasheet HTML 35Page - NXP Semiconductors TDA6500 Datasheet HTML 36Page - NXP Semiconductors TDA6500 Datasheet HTML 37Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
9397 750 15057
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 June 2005
34 of 37
Philips Semiconductors
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC standards
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the
solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink
on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger
than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered
pre-mounted on flex foil. However, the image sensor package can be mounted by the client on a flex foil by
using a hot bar soldering process. The appropriate soldering profile can be provided on request.
[9]
Hot bar soldering or manual soldering is suitable for PMFP packages.


Similar Part No. - TDA6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com