Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL3020 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL3020
Description  OPTOCOUPLERS/OPTOISOLATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3020 Datasheet(HTML) 4 Page - Texas Instruments

  TIL3020 Datasheet HTML 1Page - Texas Instruments TIL3020 Datasheet HTML 2Page - Texas Instruments TIL3020 Datasheet HTML 3Page - Texas Instruments TIL3020 Datasheet HTML 4Page - Texas Instruments TIL3020 Datasheet HTML 5Page - Texas Instruments TIL3020 Datasheet HTML 6Page - Texas Instruments TIL3020 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
6
4
RL
1
2
RL
VCC
180
220 V, 60 Hz
Rin
TIL3020, TIL3023
Figure 5. Resistive Load
6
4
1
2
ZL
VCC
180
220 V, 60 Hz
Rin
TIL3020, TIL3023
2.4 k
0.1
µF
IGT ≤ 15 mA
Figure 6. Inductive Load With Sensitive-Gate Traic
6
4
1
2
ZL
VCC
180
220 V, 60 Hz
Rin
TIL3020, TIL3023
1.2 k
0.2
µF
15 mA < IGT < 50 mA
Figure 7. Inductive Load With Nonsensitive-Gate Triac


Similar Part No. - TIL3020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL302 TI1-TIL302 Datasheet
114Kb / 7P
[Old version datasheet]   NUMERIC DISGPLAYS
TIL302 TI-TIL302 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
More results

Similar Description - TIL3020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com