Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89311UMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89311UMGTR
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89311UMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89311UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89311UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89311UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89311UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89311UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89311UMGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precision Edge®
SY89311U
Micrel, Inc.
M9999-072005
hbwhelp@micrel.com or (408) 955-1690
INPUT WAVEFORM
IN
VIHCMR
/IN
VDIFF = 150mV to 1200mV
V
CC = +2.5V ±5% or +3.3V ±10% or +5.0V ±10% and VEE = 0V; VCC = 0V and VEE = –2.5V ±5% or –3.3V ±10% or or –5.0V ±10%;
R
L = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Toggle Frequency
3
GHz
tpd
Propagation Delay (Differential)
IN to Q, /Q
V
CC = 3.3V/5V
140
220
300
ps
IN to Q, /Q
V
CC = 2.5V
170
240
360
ps
t
SKEW
Within-Device Skew
Q, /Q
Note 7
520
ps
Part-to-Part Skew
V
CC = 3.3V/5V, Note 7
150
ps
V
CC = 2.5V, Note 7
120
ps
t
JITTER
Cycle-to-Cycle Jitter (rms)
1ps(rms)
V
DIFF
Input Swing
Note 8
150
800
1200
mV
t
r, tf
Output Rise/Fall Time (20% to 80%)
70
120
200
ps
Notes:
6. Measured with 750mV input signal, 50% duty cycle. VDIFF_OUT is ≥ 400mV.
7. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
8. See “Input Waveform.”
AC ELECTRICAL CHARACTERISTICS (6)


Similar Part No. - SY89311UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311UMGTR MICREL-SY89311UMGTR Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results

Similar Description - SY89311UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com