Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78NR215H Datasheet(PDF) 1 Page - Texas Instruments

Part # PT78NR215H
Description  10-12W Plus to Minus Voltage Integrated Switching Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78NR215H Datasheet(HTML) 1 Page - Texas Instruments

  PT78NR215H Datasheet HTML 1Page - Texas Instruments PT78NR215H Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT78NR200 Series
Standard Application
C1 = Required 100µF electrolytic
C2 = Required 100µF electrolytic
Ordering Information
PT78NR2
Pin-Out Information
Pin
Function
1+Vin
2-Vout
3
GND
Negative output from positive input
Wide Input Range
Self-Contained Inductor
Short Circuit Protection
Over-Temperature Protection
Fast Transient Response
The PT78NR200 series creates
negative output voltage from a posi-
tive input voltage greater than 9V.
These easy-to-use, 3-terminal, Inte-
grated Switching Regulators (ISRs)
have maximum output power of 10 to
12 watts and a negative output voltage
that is laser trimmed. They also have
excellent line and load regulation.
The PT78NR200 requires 100
LFM of airflow at its maximum
output current.
10-12W Plus to Minus Voltage
Integrated Switching Regulator
PT78NR200
+
-Vout
COM
COM
Vin
1
3
2
C2
C1
+
Specifications
Characteristics
PT78NR200 SERIES
(T
a= 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo= -5.2V
0.1*
2.0
A
Vo= -12.0V
0.1*
1.0
A
Short Circuit Current
Isc
Vin=10V
4
×Imax
Apk
Inrush Current
Iir
Vin=10V
4
A
tir
On start-up
0.5
mSec
Input Voltage Range
Vin
0.1
≤ Io ≤ Imax
9—
15
V
Output Voltage Tolerance
∆Vo
Over Vin range
±1.0
±3.0
%Vo
Ta= 0°C to +70°C
Line Regulation
Regline
Over Vin range
±0.5
±1.0
%Vo
Load Regulation
Regload
0.3
≤ Io ≤ Imax
±0.5
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin=10V, Io=Imax
—±2
%Vo
Transient Response
ttr
50% load change
100
250
µSec
(with 100µF output cap)
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin=9V, Io=0.5×Imax, Vo=-12V
78
%
Switching Frequency
ƒo
Over Vin and Io ranges600
650
700
kHz
Absolute Maximum
Ta
100 LFM airflow
0—
+85
°C
Operating Temperaturte Range
Over Vin and Io Ranges
Recommended Operating
Ta
100 LFM airflow
0
+60**
°C
Temperature Range
Over Vin and Io Ranges
Thermal Resistance
θ
ja
100 LFM airflow
35
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—10
G’s
20-2000 Hz, soldered in a PC board
Weight
11
Grams
*ISR will operate down to no load with reduced specifications.
**See Thermal Derating chart.
Note: The PT78NR200 series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
XX
Y
Output Voltage
52
= -5.2 Volts
06
= -6.0 Volts
12
= -12.0 Volts
15
= -15.0 Volts
Pkg Style 600
Package Suffix
H
= Horizontal Mount
S
= Surface Mount
V
= Vertical Mount
SLTS074A
(Revised 6/30/2000)
(For dimensions and PC board layout, see
Package Styles 600 and 610.)


Similar Part No. - PT78NR215H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR215H TI1-PT78NR215H Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
More results

Similar Description - PT78NR215H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6915 TI-PT6915 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
PT7600 TI-PT7600 Datasheet
176Kb / 3P
[Old version datasheet]   10 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
NTE Electronics
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com