Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7001-01MB Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML7001-01MB
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7001-01MB Datasheet(HTML) 5 Page - OKI electronic componets

  ML7001-01MB Datasheet HTML 1Page - OKI electronic componets ML7001-01MB Datasheet HTML 2Page - OKI electronic componets ML7001-01MB Datasheet HTML 3Page - OKI electronic componets ML7001-01MB Datasheet HTML 4Page - OKI electronic componets ML7001-01MB Datasheet HTML 5Page - OKI electronic componets ML7001-01MB Datasheet HTML 6Page - OKI electronic componets ML7001-01MB Datasheet HTML 7Page - OKI electronic componets ML7001-01MB Datasheet HTML 8Page - OKI electronic componets ML7001-01MB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
¡ Semiconductor
ML7000-01/02/03/ML7001-01/02/03
5/19
PWI, AOUT+, AOUT–
PWI is connected to the inverting input of the receive driver.
The receive driver output is connected to the AOUT– pin. Therefore, the receive level can be
adjusted with the pins VFRO, PWI, and AOUT–. During power-saving or power down-mode,
the outputs of AOUT+ and AOUT– are in a high impedance state. The output of AOUT+ is
inverted with respect to the output of AOUT–. Since these outputs provide differential drive of
an impedance of 1.2 kW, they can directly be connected to a handset using a piezoelectric
earphone or a line transformer. Refer to the application example.
VDD
Power supply for +5 V (ML7000-xx) or +3 V (ML7001-xx)
PCMIN
PCM data input.
A serial PCM data input to this pin is converted to an analog signal in synchronization with the
RSYNC signal and BCLK signal.
The data rate of PCM is equal to the frequency of the BCLK signal.
PCM signal is shifted in at the falling edge of the BCLK signal and latched into the internal
register when shifted by eight bits.
The start of the PCM data (MSD) is identified at the rising edge of RSYNC.
BCLK
Shift clock signal input for the PCMIN and PCMOUT signals.
The frequency, equal to the data rate, is 64, 96, 128, 192, 256, 384, 512, 768, 1024, 1536, 1544, or 2048
kHz. Setting this signal to logic "1" or "0" drives both transmit and receive circuits to the power
saving state.
R6 > 20 kW
ZL > 1.2 kW
Gain = VO/VI = 2 5 R7/R6 £ 2
R6
R7
+
SG
+
SG
VFRO
PWI
AOUT–
AOUT+
ZL
Receive filter
VI
VO
20 kW
20 kW


Similar Part No. - ML7001-01MB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
OKI electronic componet...
ML7005MB OKI-ML7005MB Datasheet
202Kb / 25P
   DTMF Transceiver
More results

Similar Description - ML7001-01MB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com