Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F574APMT Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F574APMT
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F574APMT Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F574APMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 9Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 10Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 11Page - Fujitsu Component Limited. MB90F574APMT Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
MB90570 Series
8
s
s
s
s PIN DESCRIPTION
(Continued)
*1 : FPT-120P-M05
*2 : FPT-120P-M13, FPT-120P-M21
Pin no.
Pin name
Circuit
type
Function
LQFP-120 *1
QFP-120 *2
92,93
X0,X1
A
High speed oscillator pins
74,73
X0A,X1A
B
Low speed oscillator pins
89 to 87
MD0 to MD2
C
These are input pins used to designate the operating mode. They
should be connected directly to Vcc or Vss.
90
RST
C
Reset input pin
86
HST
C
Hardware standby input pin
95 to 102
P00 to P07
D
In single chip mode, these are general purpose I/O pins. When set for
input, they can be set by the pull-up resistance setting register
(RDR0). When set for output, this setting will be invalid.
AD00 toAD07
In external bus mode, these pins function as address low output/data
low I/O pins.
103 to 110
P10 to P17
D
In single chip mode, these are general purpose I/O pins. When set for
input, they can be set by the pull-up resistance setting register
(RDR1). When set for output, the setting will be invalid.
AD08 toAD15
In external bus mode, these pins function as address middle output/
data high I/O pins.
111 to 118
P20 to P27
E
In single chip mode this is a general-purpose I/O port.
A16 to A23
In external bus mode, these pins function as address high output
pins.
120
P30
E
In single chip mode this is a general-purpose I/O port.
ALE
In external bus mode, this pin functions as the address latch enable
signal output pin.
1
P31
E
In single chip mode this is a general-purpose I/O port.
RD
In external bus mode, this pin functions as the read strobe signal out-
put pin.
2
P32
E
In single chip mode this is a general-purpose I/O port.
WRL
In external bus mode, this pin functions as the data bus lower 8-bit
write strobe signal output pin.
3
P33
E
In single chip mode this is a general-purpose I/O port.
WRH
In external bus mode, this pin functions as the data bus upper 8-bit
write strobe signal output pin.
4
P34
E
In single chip mode this is a general-purpose I/O port.
HRQ
In external bus mode, this pin functions as the hold request signal in-
put pin.
5
P35
E
In single chip mode this is a general-purpose I/O port.
HAK
In external bus mode, this pin functions as the hold acknowledge sig-
nal output pin.
6
P36
E
In single chip mode this is a general-purpose I/O port.
RDY
In external bus mode, this pin functions as the ready signal input pin.


Similar Part No. - MB90F574APMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F574APMT FUJITSU-MB90F574APMT Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90F574APMT FUJITSU-MB90F574APMT Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
MB90F574APMT FUJITSU-MB90F574APMT Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F574APMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com