Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33594 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC33594
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33594 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC33594 Datasheet HTML 7Page - Motorola, Inc MC33594 Datasheet HTML 8Page - Motorola, Inc MC33594 Datasheet HTML 9Page - Motorola, Inc MC33594 Datasheet HTML 10Page - Motorola, Inc MC33594 Datasheet HTML 11Page - Motorola, Inc MC33594 Datasheet HTML 12Page - Motorola, Inc MC33594 Datasheet HTML 13Page - Motorola, Inc MC33594 Datasheet HTML 14Page - Motorola, Inc MC33594 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MC33594
MOTOROLA SEMICONDUCTORS PRODUCTS
11
revision 1.1, 5 February 2002
© Motorola, Inc., 2002.
CONFIGURATION REGISTERS
Table 4 describes the Configuration Register 1 (CR1).
Table 4: Configuration Register 1
- R/W controls the 3 registers access (read or write):
0 = Write CR1, CR2 ,CR3,
1 = Read CR1, CR2, CR3.
- CF defines the Carrier Frequency as shown onTable 5.
Table 5: Carrier Frequency selection
- MOD sets the data Modulation type:
0 = On/Off Keying (OOK) modulation,
1 = Frequency Shift Keying (FSK) modulation.
- SOE enables the Strobe Oscillator:
0 = Disabled,
1 = Enabled,
Whatever SOE value has been programmed, a high level on STROBE sets the circuit into run mode.
- SR0/SR1 define the Strobe Ratio (SR) as shown on Table 6. SR is the ratio Sleep time over Run time and
Run time=TStrobe (where TStrobe is the Strobe oscillator period).
Table 6: Strobe Ratio selection
- DME enables the Data Manager:
0 = Disabled,
1 = Enabled (to be combined with MOD=1).
Data are output on MOSI and the associated clock on SCLK.
- HE defines if a Header word is present (the bit HE is only active if DME=1):
0 = No header,
1 = Header.
Configuration Register 2 (CR2) defines the Identifier (ID) word content. The bits will be Manchester coded.
Table 7: Configuration Register 2
Table 8 describes the Configuration Register 3 (CR3).
Table 8: Configuration Register 3
bit 7bit 6bit 5bit 4bit 3bit 2
bit 1
bit 0
Bit name
R/W
CF
MOD
SOE
SR1
SR0
DME
HE
Reset value
1
1
0
1
0
1
0
0
CF
Selected Frequency
0
315MHz
1
434MHz
SR1
SR0
Strobe Ratio
00
3
0
1
7
10
15
11
31
bit 7bit 6bit 5bit 4bit 3bit 2
bit 1
bit 0
Bit name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Reset value
0
0
0
0
0
0
0
0
bit 7bit 6bit 5bit 4bit 3bit 2
bit 1
bit 0
Bit name
DR1
DR0
MG
MS
PG
-
-
-
Reset value
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594FTA NXP-MC33594FTA Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results

Similar Description - MC33594

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com