Electronic Components Datasheet Search |
|
MB90F574 Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
MB90F574 Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 120 page MB90570 Series 5 (Continued) * : Varies with conditions such as the operating frequency. (See section “s ELECTRICAL CHARACTERISTICS.”) Assurance for the MB90V570/A is given only for operation with a tool at a power voltage of 4.5 V to 5.5 V, an operating temperature of 0 °C to +25 °C, and an operating frequency of 1 MHz to 16 MHz. s s s s PACKAGE AND CORRESPONDING PRODUCTS : Available ×: Not available Note : For more information about each package, see section “s PACKAGE DIMENSIONS.” Part number Item MB90573 MB90574/C MB90F574/A MB90V570/A DTP/external interrupt circuit Number of inputs: 8 Started by a rising edge, a falling edge, an “H” level input, or an “L” level input. External interrupt circuit or extended intelligent I/O service (EI2OS) can be used. Delayed interrupt generation module An interrupt generation module for switching tasks used in real time operating systems. Extended I/O serial interface Clock synchronized transmission (3125 bps to 1 Mbps) LSB first/MSB first I2C interface Serial I/O port for supporting Inter IC BUS Timebase timer 18-bit counter Interrupt interval: 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms (at oscillation of 4 MHz) 8-bit D/A converter 8-bit resolution Number of channels: 2 channels Based on the R-2R system Watchdog timer Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms (at oscillation of 4 MHz, minimum value) Low-power consumption (standby) mode Sleep/stop/CPU intermittent operation/clock timer/hardware standby Process CMOS Power supply voltage for operation* 4.5 V to 5.5 V Package MB90573 MB90574 MB90F574/A MB90574C FPT-120P-M05 × FPT-120P-M13 FPT-120P-M21 × × |
Similar Part No. - MB90F574 |
|
Similar Description - MB90F574 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |