Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM21A7U2D121JW31 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRM21A7U2D121JW31
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM21A7U2D121JW31 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM21A7U2D121JW31 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM21A7U2D121JW31 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
No
11 Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test substrate A shown in "Complement of Test
of Termination
should occur.
method”.
Applied Direction : In parallel with the test substrate and vertical with the
capacitor side.
12 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate B shown in "Complement of Test
Bending test
method”.
Then apply the force in the direction shown in “Test Method of Substrate
Capacitance
Within +/-2% or +/-0.3pF (Whichever is larger)
Bending test” of “Complement of Test method”.
Change
Flexure 
   :
1mm
Holding Time  
:
5+/-1s
Soldering Method
:
Reflow soldering
13 Temperature
Appearance
No defects or abnormalities.
Fix the capacitor to the supporting Test substrate A (glass epoxy board)
Sudden Change
shown in “Complement of Test method”.
Perform the 5 cycles according to the four heat treatments
Capacitance
Within +/-2% or +/-0.3pF (Whichever is larger)
shown in the following table.
Change
Q
500 min.
I.R.
Within the specified initial value.
Exposure Time
:
24+/-2h at room condition*.
Voltage proof No defects.
14 Humidity
Appearance
No defects or abnormalities.
Fix the capacitor to the supporting Test substrate A (glass epoxy board)
(Steady state)
shown in “Complement of Test method”.
Capacitance
Within +/-2% or +/-0.3pF (Whichever is larger)
Test Temperature
:
40+/-2℃
Change
Test Humidity
:
90% to 95%RH
Test Time
:
500+24/-0h
Q
350 min.
Exposure Time
:
24+/-2h at room condition*.
I.R.
More than 1000MΩ or 10MΩ・μF
(Whichever is smaller)
Voltage proof No defects.
15 Durability
Appearance
No defects or abnormalities.
Fix the capacitor to the supporting Test substrate A (glass epoxy board)
shown in “Complement of Test method”.
Test Temperature
:
Max. Operating Temp. +/-3℃
Capacitance
Within +/-2% or +/-0.3pF (Whichever is larger)
Test Time
:
1000+48/-0h
Change
Applied Voltage
:
150% of the rated voltage
 (Rated voltage:DC200V,DC250V)
120% of the rated voltage
Q
350 min.
 (Rated voltage:DC500V,DC630V,DC1kV,DC2kV)
 (Rated voltage(7U only):DC3.15kV)
I.R.
More than 1000MΩ or 10MΩ・μF
Charge/discharge current : 50mA max.
(Whichever is smaller)
Exposure Time
:
24+/-2h at room condition*.
Voltage proof No defects.
*Room Condition : Temperature:15 to 35°C, Relative humidity:45 to 75%, Atmosphere pressure:86 to 106kPa
Item
Specification
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
10N, 10+/-1s
Step
Temp.(
C)
Time
(min)
1
Min.Operating Temp.+0/-3
30+/-3
2
Room Temp
2 to 3
3
Max.Operating Temp.+3/-0
30+/-3
4
Room Temp
2 to 3
JEMCGS-04233D
3


Similar Part No. - GRM21A7U2D121JW31

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21A7U2D122JW31 MURATA-GRM21A7U2D122JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM21A7U2D121JW31

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com