Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1692D Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1692D
Description  SAW Filter 836.5 MHz 25MHz BW SMD 1.1횞0.9 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1692D Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1692D Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1692D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity)
2.TAPE DIMENSION


Similar Part No. - TA1692D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
More results

Similar Description - TA1692D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0968B TAI-SAW-TA0968B Datasheet
417Kb / 7P
   SAW Filter 836.5 MHz SMD 3.0X3.0 mm(BW=25MHz)
TA2629A TAI-SAW-TA2629A Datasheet
755Kb / 8P
   SAW Filter 836.5 MHz (BW 25MHz) SMD 1.4X1.1 mm
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TA2452A TAI-SAW-TA2452A Datasheet
390Kb / 7P
   SAW Filter 1794 MHz SMD 1.1횞0.9 mm (BW = 18 MHz)
TA2471B TAI-SAW-TA2471B Datasheet
541Kb / 8P
   SAW Filter 1176.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TA2568A TAI-SAW-TA2568A Datasheet
421Kb / 9P
   SAW Filter 2332.5 MHz SMD 1.1X0.9 mm (BW=25MHz)
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TA2309A TAI-SAW-TA2309A Datasheet
394Kb / 8P
   SAW Filter 1223 MHz GPS L2 SMD 1.1횞0.9 mm (BW 52 MHz)
TA1690D TAI-SAW-TA1690D Datasheet
431Kb / 11P
   SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com