Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4004C1C-I15 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R4004C1C-I15
Description  1Mx4 Bit High Speed Static RAM(5V Operating).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4004C1C-I15 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R4004C1C-I15 Datasheet HTML 1Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 2Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 3Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 4Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 5Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 6Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 7Page - Samsung semiconductor K6R4004C1C-I15 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K6R4004C1C-C, K6R4004C1C-I, K6R4004C1C-E
CMOS SRAM
PRELIMINARY
Rev 3.0
- 5 -
March 2000
WRITE CYCLE*
* The above parameters are also guaranteed at extended and industrial temperature range.
Parameter
Symbol
K6R4004C1C-10
K6R4004C1C-12
K6R4004C1C-15
K6R4004C1C-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
10
-
12
-
15
-
20
-
ns
Chip Select to End of Write
tCW
7
-
8
-
10
-
12
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
7
-
8
-
10
-
12
-
ns
Write Pulse Width(OE High)
tWP
7
-
8
-
10
-
12
-
ns
Write Pulse Width(OE Low)
tWP1
10
-
12
-
15
-
20
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
5
0
6
0
7
0
9
ns
Data to Write Time Overlap
tDW
5
-
6
-
7
-
9
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
3
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB
Valid Data
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL
levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. Address valid prior to coincident with CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.


Similar Part No. - K6R4004C1C-I15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4004C1D-J SAMSUNG-K6R4004C1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004C1D-JC SAMSUNG-K6R4004C1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D-JC0810 SAMSUNG-K6R4004C1D-JC0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4004C1C-I15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com