Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71PL129JA0BFI9B2 Datasheet(PDF) 9 Page - SPANSION

Part # S71PL129JA0BFI9B2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JA0BFI9B2 Datasheet(HTML) 9 Page - SPANSION

Back Button S71PL129JA0BFI9B2 Datasheet HTML 5Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 6Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 7Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 8Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 9Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 10Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 11Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 12Page - SPANSION S71PL129JA0BFI9B2 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
December 23, 2004 S71PL129Jxx_00_A5
9
Advance
Informatio n
Ordering Information
The order number is formed by a valid combinations of the following:
S71PL
129
J
B0
BA
W
9
Z
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
See valid combinations table.
PACKAGE MODIFIER
9
= 8 x 11.6 mm, 1.2 mm height, 64 balls (TLA064)
TEMPERATURE RANGE
W= Wireless (-25
°C to +85°C)
I
= Industrial (-40
°C to +85°C)
PACKAGE TYPE
BA
= Fine-pitch BGA Lead (Pb)-free compliant package
BF
= Fine-pitch BGA Lead (Pb)-free package
pSRAM DENSITY
C0
= 64 Mb pSRAM
B0
= 32 Mb pSRAM
A0
= 16 Mb pSRAM
PROCESS TECHNOLOGY
J
= 110 nm, Floating Gate Technology
FLASH DENSITY
129
= 128Mb, dual CE#
PRODUCT FAMILY
S71PL Multi-chip Product (MCP)
3.0-volt Simultaneous Read/Write, Page Mode Flash Memory and RAM


Similar Part No. - S71PL129JA0BFI9B2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Similar Description - S71PL129JA0BFI9B2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com