Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7000-03MA Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7000-03MA
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7000-03MA Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7000-03MA Datasheet HTML 2Page - OKI electronic componets ML7000-03MA Datasheet HTML 3Page - OKI electronic componets ML7000-03MA Datasheet HTML 4Page - OKI electronic componets ML7000-03MA Datasheet HTML 5Page - OKI electronic componets ML7000-03MA Datasheet HTML 6Page - OKI electronic componets ML7000-03MA Datasheet HTML 7Page - OKI electronic componets ML7000-03MA Datasheet HTML 8Page - OKI electronic componets ML7000-03MA Datasheet HTML 9Page - OKI electronic componets ML7000-03MA Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
¡ Semiconductor
ML7000-01/02/03/ML7001-01/02/03
6/19
RSYNC
Receive synchronizing signal input.
Eight required bits are selected from serial PCM signals on the PCMIN pin by the receive
synchronizing signal.
Signals in the receive section are synchronized by this synchronizing signal. This signal must be
synchronized in phase with the BCLK. The frequency should be 8 kHz
±50 ppm to guarantee the
AC characteristics which are mainly the frequency characteristics of the receive section.
However, if the frequency characteristic of an applied system is not specified exactly, this device
can operate in the range of 6 to 9 kHz, but the electrical characteristics in this specification are not
guaranteed.
XSYNC
Transmit synchronizing signal input.
The PCM output signal from the PCMOUT pin is output in synchronization with this signal. This
synchronizing signal triggers the PLL and synchronizes all timing signals of the transmit section.
This synchronizing signal must be synchronized in phase with BCLK.
The frequency should be 8 kHz
±50 ppm to guarantee the AC characteristics which are mainly
the frequency characteristics of the transmit section. However, if the frequency characteristic of
an applied system is not specified exactly, this device operates in the range of 6 to 9 kHz, but the
electrical characteristics in this specification are not guaranteed.
Setting this signal to logic "1" or "0" drives both transmit and receive circuits to the power saving
state.


Similar Part No. - ML7000-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
OKI electronic componet...
ML7005MB OKI-ML7005MB Datasheet
202Kb / 25P
   DTMF Transceiver
More results

Similar Description - ML7000-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com