Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7000-03MA Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML7000-03MA
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7000-03MA Datasheet(HTML) 4 Page - OKI electronic componets

  ML7000-03MA Datasheet HTML 1Page - OKI electronic componets ML7000-03MA Datasheet HTML 2Page - OKI electronic componets ML7000-03MA Datasheet HTML 3Page - OKI electronic componets ML7000-03MA Datasheet HTML 4Page - OKI electronic componets ML7000-03MA Datasheet HTML 5Page - OKI electronic componets ML7000-03MA Datasheet HTML 6Page - OKI electronic componets ML7000-03MA Datasheet HTML 7Page - OKI electronic componets ML7000-03MA Datasheet HTML 8Page - OKI electronic componets ML7000-03MA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
¡ Semiconductor
ML7000-01/02/03/ML7001-01/02/03
4/19
PIN FUNCTIONAL DESCRIPTION
AIN+, AIN–, GSX
Transmit analog input and transmit level adjustment.
AIN+ is a non-inverting input to the op-amp; AIN– is an inverting input to the op-amp; GSX is
connected to the output of the op-amp.
The level adjustment should be performed using any of the methods shown below. During
power-saving and power-down modes, the GSX output is at AG voltage.
AG
Analog ground.
VFRO
Receive filter output.
The output signal has an amplitude of 2.4 VPP for ML7000-xx and 2.0 VPP for ML7001-xx above
and below the signal ground voltage (SG) when the digital signal of +3 dBm0 is input to PCMIN
and can drive a load of 20 kW or more.
For driving a load of less than 20 kW, connect a resistor of 20 kW or more between the pins VFRO
and PWI.
During power-saving or power-down mode, the VFRO output is at an SG level.
When adjusting the receive signal on the basis of frequency characteristics, refer to the Frequency
Characteristics Adjustment Circuit.
+
AIN–
AIN+
C1
Analog input
R1 : variable
R2 > 20 kW
C1 > 1/(2 ¥ 3.14 ¥ 30 ¥ R1)
R2
GSX
SG
+
AIN+
AIN–
R3 > 20 kW
R4 > 20 kW
R5 > 50 kW
C2 > 1/ (2 ¥ 3.14 ¥ 30 ¥ R5)
R4
GSX
SG
C2
Analog input
R3
R5
R1


Similar Part No. - ML7000-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
OKI electronic componet...
ML7005MB OKI-ML7005MB Datasheet
202Kb / 25P
   DTMF Transceiver
More results

Similar Description - ML7000-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com