Electronic Components Datasheet Search |
|
S71PL129JC0BFW9B2 Datasheet(PDF) 11 Page - SPANSION |
|
S71PL129JC0BFW9B2 Datasheet(HTML) 11 Page - SPANSION |
11 / 149 page December 23, 2004 S71PL129Jxx_00_A5 11 Advance Informatio n Physical Dimensions TLA064—64-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 11.6 mm Package 3352 \ 16-038.22a PACKAGE TLA 064 JEDEC N/A D x E 11.60 mm x 8.00 mm PACKAGE SYMBOL MIN NOM MAX NOTE A --- --- 1.20 PROFILE A1 0.17 --- --- BALL HEIGHT A2 0.81 --- 0.97 BODY THICKNESS D 11.60 BSC. BODY SIZE E 8.00 BSC. BODY SIZE D1 8.80 BSC. MATRIX FOOTPRINT E1 7.20 BSC. MATRIX FOOTPRINT MD 12 MATRIX SIZE D DIRECTION ME 10 MATRIX SIZE E DIRECTION n 64 BALL COUNT φb 0.35 0.40 0.45 BALL DIAMETER eE 0.80 BSC. BALL PITCH eD 0.80 BSC BALL PITCH SD / SE 0.40 BSC. SOLDER BALL PLACEMENT A2,A3,A4,A5,A6,A7,A8,A9 DEPOPULATED SOLDER BALLS B1,B2,B3,B4,B7,B8,B9,B10 C1,C2,C9,C10,D1,D10,E1,E10, F1,F5,F6,F10,G1,G5,G6,G10 H1,H10,J1,J10,K1,K2,K9,K10 L1,L2,L3,L4,L7,L8,L9,L10 M2,M3,M4,M5,M6,M7,M8,M9 NOTES: 1. DIMENSIONING AND TOLERANCING METHODS PER ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. 3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010. 4. e REPRESENTS THE SOLDER BALL GRID PITCH. 5. SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION. SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION. n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS FOR MATRIX SIZE MD X ME. 6 DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A PLANE PARALLEL TO DATUM C. 7 SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A AND B AND DEFINE THE POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW SD OR SE = 0.000. WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW, SD OR SE = e/2 8. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED BALLS. 9. N/A 10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK MARK, METALLIZED MARK INDENTATION OR OTHER MEANS. C 0.20 C 0.08 C b 64X 6 0.08 M C 0.15 M C A B A2 A A1 SIDE VIEW L M eD CORNER E1 7 SE D1 A B DC E F HG 10 8 9 7 5 6 4 2 3 J K 1 eE SD BOTTOM VIEW PIN A1 7 10 INDEX MARK C 0.15 (2X) (2X) C 0.15 B A D E PIN A1 TOP VIEW CORNER |
Similar Part No. - S71PL129JC0BFW9B2 |
|
Similar Description - S71PL129JC0BFW9B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |