Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP580 Datasheet(PDF) 3 Page - TT Electronics.

Part # OP580
Description  Silicon Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP580 Datasheet(HTML) 3 Page - TT Electronics.

  OP580 Datasheet HTML 1Page - TT Electronics. OP580 Datasheet HTML 2Page - TT Electronics. OP580 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue 1.3
05/10
Page 3 of 3
Silicon Phototransistor
OP580
Relative On-State Collector Current vs
Irradiance
EE rradiance (mW/cm
2)
0
1
2
3
4
5
6
7
8
80
100
120
140
160
60
40
20
Normalized at EE = 5 mW/cm
2 Con-
ditions: VCE = 5 V,
λ = 935 nm, TA = 25° C
Relative On-State Collector Current vs
Temperature
-25
0
25
50
75
100
Temperature (°C)
90
100
110
120
130
80
70
140
Normalized at TA = 25° C .
Conditions: VCE = 5 V,
λ = 935 nm, TA = 25° C
-40°C
80°C
Relative On-State Collector Current vs
Collector-Emitter Voltage
Collector-Emitter Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.4
0.6
0.8
1.0
1.2
0.2
1.4
6 m
W/c
m
2
5 mW
/cm
2
4 mW/cm
2
3 mW/cm
2
2 mW/cm2
1 mW/cm2
Collector-Emitter Dark Current vs
Temperature
Temperature (°C)
-25
0
25
50
75
100
10
1000
1
0
100
Conditions: Ee = 0 mW/
cm2 VCE = 10V


Similar Part No. - OP580

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP580 OPTEK-OP580 Datasheet
259Kb / 4P
   Silicon Phototransistor in SMT Plastic Package
logo
TT Electronics.
OP580DA TTELEC-OP580DA Datasheet
1Mb / 3P
   Silicon Photo Darlington in PLCC-2 Package
More results

Similar Description - OP580

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
   Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
logo
List of Unclassifed Man...
ST-8LR2 ETC1-ST-8LR2 Datasheet
37Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com