Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTB122LU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTB122LU
Description  PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTB122LU Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTB122LU Datasheet HTML 1Page - Diodes Incorporated DDTB122LU Datasheet HTML 2Page - Diodes Incorporated DDTB122LU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30400 Rev. 2 - 2
3 of 3
DDTB (LO-R1) U
www.diodes.com
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve


Similar Part No. - DDTB122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTB122LU DIODES-DDTB122LU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LU-7-F DIODES-DDTB122LU-7-F Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
More results

Similar Description - DDTB122LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTA122LU DIODES-DDTA122LU Datasheet
78Kb / 3P
   PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30402 Rev. 5 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com