Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPE5585 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPE5585
Description  High Speed GaAlAs Infrared Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPE5585 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPE5585 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPE5585 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
High Speed GaAlAs Infrared Emitter
OPE5585
The OPE5585 is GaAlAs infrared emitting diode
DIMENSIONS(Unit : mm)
that is designed for high power, low forward voltage
and high speed rise / fall time.
This device is optimized for speed and efficiency
at emission wavelength 850nm and has a high radiant
efficiency over a wide range of forward current.
This device is packaged T1-3/4 plastic package
and has narrow beam angle with lensed package
and cup frame. Especially this device is suited
as the emitter of data transmission without cable.
FEATURES
• High speed : 25ns rise time
• 850nm wavelength
• Narrow beam angle
• Low forward voltage
• High power and high reliability
• Available for pulse operating
APPLICATIONS
• Emitter of IrDA
• IR Audio and Telephone
• High speed IR communication
• IR LANs
• Available for wireless digital data transmission
STORAGE
• Condition : 5°C~35°C,R.H.60%
• Terms : within 3 months from production date
• Remark : Once the package is opened, the products should be used within a day.
Otherwise, it should be keeping in a damp proof box with desiccants.
* Please take proper steps in order to secure reliability and safety in required conditions
and environments for this device.
MAXIMUM RATINGS
(Ta=25
)
Item
Symbol
Rating
Unit
Power Dissipation
PDC
150
C
Forward current
IFC
100
EC
Pulse forward current
CCCC DC
IFPC
1.0
A
C
Reverse voltage
VRC
4.0
C
Operating temp.
Topr.
-25~ +85
°CC
Soldering temp. CCCCCCCCCCCCCC 2
Tsol.
260.
°CC
1.Duty ratio = 1/100, pulse width=0.1ms.
2.Lead Soldering Temperature (2mm from case for 5sec.).
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25
)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
C
IF=50
EC
1.5
2.0
V
Reverse current
IR
C
VR=4V
CC
C
10
µEC
Capacitance
Ct
f=1
CC
20
C
Radiant intensity
Ie
IF=50
EC
40
100
C
/
Peak emission wavelength
p
C
IF=50
EC
C
850
C
C
Spectral bandwidth 50%
C
IF=50
C
C
45
C
C
Half angle

IF=50
C
C
±10
C
deg.
Optical rise & fall time(10%~90%)
tr/tf
IF=50
C
C
25/13
C
ns
Cut off frequency
*3
fc
IF
D ECEEC
DD EC
C
C
14
C
MHz
*3. 10logPo(fc MHz)/Po(0.1 MHz)=-3
2- 0.5
2.5
Anode
Cathode
Tolerance :
±0.2mm


Similar Part No. - OPE5585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
   High Speed GaAlAs Infrared Emitter
More results

Similar Description - OPE5585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5T87 ETC2-OPE5T87 Datasheet
196Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5985 ETC2-OPE5985 Datasheet
198Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5685 ETC-OPE5685 Datasheet
185Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5885 ETC2-OPE5885 Datasheet
196Kb / 2P
   DHigh Speed GaAlAs Infrared Emitter
logo
Siemens Semiconductor G...
SFH4591 SIEMENS-SFH4591 Datasheet
50Kb / 5P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH4590 SIEMENS-SFH4590 Datasheet
58Kb / 6P
   Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
   GaAlAs INFRARED EMITTER
SFH485 SIEMENS-SFH485 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com