Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNB3160 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNB3160
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNB3160 Datasheet(HTML) 1 Page - International Rectifier

  IRHNB3160 Datasheet HTML 1Page - International Rectifier IRHNB3160 Datasheet HTML 2Page - International Rectifier IRHNB3160 Datasheet HTML 3Page - International Rectifier IRHNB3160 Datasheet HTML 4Page - International Rectifier IRHNB3160 Datasheet HTML 5Page - International Rectifier IRHNB3160 Datasheet HTML 6Page - International Rectifier IRHNB3160 Datasheet HTML 7Page - International Rectifier IRHNB3160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
51
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
32.5
IDM
Pulsed Drain Current ➀
204
PD @ TC = 25°C
Max. Power Dissipation
300
W
Linear Derating Factor
2.4
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
51
A
EAR
Repetitive Avalanche Energy ➀
30
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
7.3
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( for 5 sec)
Weight
3.5 (Typical )
g
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (SMD-3)
12/10/01
www.irf.com
1
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHNB7160
100K Rads (Si)
0.040
51A
IRHNB3160
300K Rads (Si)
0.040
51A
IRHNB4160
600K Rads (Si)
0.040
51A
IRHNB8160
1000K Rads (Si)
0.040
51A
For footnotes refer to the last page
SMD-3
Features:
! Single Event Effect (SEE) Hardened
! Low RDS(on)
! Low Total Gate Charge
! Proton Tolerant
! Simple Drive Requirements
! Ease of Paralleling
! Hermetically Sealed
! Ceramic Package
! Surface Mount
! Light Weight
PD - 91795A
IRHNB7160
100V, N-CHANNEL
RAD Hard
HEXFET
®
TECHNOLOGY


Similar Part No. - IRHNB3160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNB3260 IRF-IRHNB3260 Datasheet
117Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB3Z60 IRF-IRHNB3Z60 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
More results

Similar Description - IRHNB3160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNB7Z60 IRF-IRHNB7Z60 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7064 IRF-IRHNB7064 Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7264SE IRF-IRHNB7264SE Datasheet
239Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7360SE IRF-IRHNB7360SE Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7460SE IRF-IRHNB7460SE Datasheet
242Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7260 IRF-IRHNB7260 Datasheet
117Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com