Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHE3230 Datasheet(PDF) 11 Page - International Rectifier

Part # IRHE3230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE3230 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRHE3230 Datasheet HTML 4Page - International Rectifier IRHE3230 Datasheet HTML 5Page - International Rectifier IRHE3230 Datasheet HTML 6Page - International Rectifier IRHE3230 Datasheet HTML 7Page - International Rectifier IRHE3230 Datasheet HTML 8Page - International Rectifier IRHE3230 Datasheet HTML 9Page - International Rectifier IRHE3230 Datasheet HTML 10Page - International Rectifier IRHE3230 Datasheet HTML 11Page - International Rectifier IRHE3230 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
Pre-Irradiation
IRHE7230, JANSR2N7262U
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12 V
Fig 30b. Gate Charge Test Circuit
Fig 30a. Basic Gate Charge Waveform
Fig 29c. Maximum Avalanche Energy
Vs. Drain Current
Fig 29b. Unclamped Inductive Waveforms
Fig 29a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
VGS


Similar Part No. - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE3130 IRF-IRHE3130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHE3130 IRF-IRHE3130 Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
More results

Similar Description - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com