Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHE3230 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHE3230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE3230 Datasheet(HTML) 3 Page - International Rectifier

  IRHE3230 Datasheet HTML 1Page - International Rectifier IRHE3230 Datasheet HTML 2Page - International Rectifier IRHE3230 Datasheet HTML 3Page - International Rectifier IRHE3230 Datasheet HTML 4Page - International Rectifier IRHE3230 Datasheet HTML 5Page - International Rectifier IRHE3230 Datasheet HTML 6Page - International Rectifier IRHE3230 Datasheet HTML 7Page - International Rectifier IRHE3230 Datasheet HTML 8Page - International Rectifier IRHE3230 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
Pre-Irradiation
IRHE7230, JANSR2N7262U
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100KRads(Si)1
600 to 1000K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
200
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
25
50
µA
VDS=160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.35
0.48
VGS = 12V, ID =3.5A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.35
0.48
VGS = 12V, ID =3.5A
On-State Resistance (LCC-18)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part number IRHE7230 (JANSR2N7262U)
2. Part numbers IRHE3230 (JANSF2N7262U), IRHE4230 (JANSG2N7262U) and IRHE8230 (JANSH2N7262U)
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
1.4
1.4
V
VGS = 0V, IS = 5.5A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
0
50
100
150
200
0
-5
-10
-15
-20
VGS
Cu
Br
Ion
LET
Energy
Range
VDS(V)
MeV/(mg/cm2))
(MeV)
(µm)
@
VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V
Cu
28
285
43
190
180
170
125
Br
36.8
305
39
100
100
100
50


Similar Part No. - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE3130 IRF-IRHE3130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHE3130 IRF-IRHE3130 Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
More results

Similar Description - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com