Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHE3230 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHE3230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE3230 Datasheet(HTML) 2 Page - International Rectifier

  IRHE3230 Datasheet HTML 1Page - International Rectifier IRHE3230 Datasheet HTML 2Page - International Rectifier IRHE3230 Datasheet HTML 3Page - International Rectifier IRHE3230 Datasheet HTML 4Page - International Rectifier IRHE3230 Datasheet HTML 5Page - International Rectifier IRHE3230 Datasheet HTML 6Page - International Rectifier IRHE3230 Datasheet HTML 7Page - International Rectifier IRHE3230 Datasheet HTML 8Page - International Rectifier IRHE3230 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRHE7230, JANSR2N7262U
Pre-Irradiation
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS =0 V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.25
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
0.35
VGS = 12V, ID = 3.5A
On-State Resistance
0.36
VGS = 12V, ID = 5.5A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
2.5
S ( )VDS > 15V, IDS = 3.5A „
IDSS
Zero Gate Voltage Drain Current
25
VDS= 160V,VGS=0V
250
VDS = 160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
50
VGS = 12V, ID = 5.5A
Qgs
Gate-to-Source Charge
10
nC
VDS = 100V
Qgd
Gate-to-Drain (‘Miller’) Charge
25
td(on)
Turn-On Delay Time
25
VDD = 100V, ID = 5.5A,
tr
Rise Time
40
VGS = 12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
60
tf
Fall Time
45
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
1100
VGS = 0V, VDS = 25V
Coss
Output Capacitance
250
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
55
nA
„
nH
ns
µA
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
5.0
RthJPCB
Junction-to-PC Board
19
Solder to a copper clad PC Board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
5.5
ISM
Pulse Source Current (Body Diode) ➀
——
22
VSD
Diode Forward Voltage
1.4
V
Tj = 25°C, IS = 5.5A, VGS = 0V ➃
trr
Reverse Recovery Time
400
nS
Tj = 25°C, IF = 5.5A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
3.0
µC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)


Similar Part No. - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE3130 IRF-IRHE3130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHE3130 IRF-IRHE3130 Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
More results

Similar Description - IRHE3230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
JANTXVR2N7261U IRF-JANTXVR2N7261U Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHQ7214 IRF-IRHQ7214 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com