Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-622MCL002 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTP-622MCL002
Description  24V DRIVE INTERFACE BOARD (PARALLEL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-622MCL002 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTP-622MCL002 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-622MCL002 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTP-622DCL/DSL
s CONNECTOR PIN ASSIGNMENT
1. Connector for power supply (CN10)
Part number
: B6P-VH (J.S.T)
Mating connector part number : VHR-6N (J.S.T) or equivalent
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1VCC
Power supply for logic (+5 V)
2
GND
GND (5 V, 24 V common)
3
GND
GND (5 V, 24 V common)
4
GND
GND (5 V, 24 V common)
5VDD
Power for head/motor (+24 V)
6
V DD
Power for head/motor (+24 V)
2. Connector for thermal head drive (CN8)
Part number
: B16B-PH-K-S (J.S.T)
Mating connector part number : PHR-16 (J.S.T) or equivalent
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1
VDH
O
Power for head (+24 V)
2
VDH
O
Power for head (+24 V)
3
GND (VDH)
Head GND
4
GND (VDH)
Head GND
5
STB1
O
Print enable signal 1
6
STB2
O
Print enable signal 2
7
STB3
O
Print enable signal 3
8
TMP
I
Temperature detection signal
9
STB4
O
Print enable signal 4
10
LAT
O
Print data latch signal
11
STB5
O
Print enable signal 5
12
5 VH
O
Power for logic (+5 V)
13
HCLK
O
Data transmission clock
14
HD
O
Print data output signal
15
GND (VDH)
Head GND
16
VDH
O
Power for head (+24 V)
Notes:
• Symbol “——” means a negative logic signal.
• “I” or “O” means a signal direction from the interface board side.
3. Connector for Sensor (CN3)
Part number
: B5B-PH-K-S (J.S.T)
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1
+5 V
Power for logic (+5 V)
2
PES
I
Paper end detect signal
3
GND (5 V)
Logic GND
4
+5 V
Power for logic (+5 V)
5
HUP
I
Head-up detect signal


Similar Part No. - FTP-622MCL002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-622MCL FUJITSU-FTP-622MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-622MCL002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68230 NXP-MC68230 Datasheet
8Mb / 74P
   PARALLEL INTERFACE/TIMER
DECEMBER, 1983
logo
NEC
UPD71055 NEC-UPD71055 Datasheet
486Kb / 20P
   Parallel Interface Unit
logo
IC-Haus GmbH
IC-VRV ICHAUS-IC-VRV Datasheet
166Kb / 12P
   BIDIRECTIONAL 關P INTERFACE TO 24V
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
   EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com