Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1193ETI-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1193ETI-T
Description  Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1193ETI-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1193ETI-T Datasheet HTML 3Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 4Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 5Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 6Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 7Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 8Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 9Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 10Page - Maxim Integrated Products MAX1193ETI-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
_______________________________________________________________________________________
7
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
75
25
50
46.5
47.0
47.5
48.0
49.0
48.5
49.5
50.0
46.0
0
125
CHANNEL B
CHANNEL A
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
75
25
50
46.5
47.0
47.5
48.0
49.0
48.5
49.5
50.0
46.0
0
125
CHANNEL B
CHANNEL A
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
75
25
50
-80
-75
-70
-65
-55
-60
-50
-45
-85
0
125
CHANNEL B
CHANNEL A
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
75
25
50
50
55
60
65
75
70
80
85
45
0
125
CHANNEL B
CHANNEL A
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL
≈ 10pF at digital outputs, differential input at -0.5dB FS, fCLK =
45.005678MHz at 50% duty cycle, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1193ETI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1193EVKIT MAXIM-MAX1193EVKIT Datasheet
454Kb / 13P
   MAX1193 Evaluation Kit
Rev 0; 7/03
More results

Similar Description - MAX1193ETI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
logo
Maxim Integrated Produc...
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com