Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C826A Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S3C826A
Description  8-Bit CMOS Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C826A Datasheet(HTML) 3 Page - Samsung semiconductor

  S3C826A Datasheet HTML 1Page - Samsung semiconductor S3C826A Datasheet HTML 2Page - Samsung semiconductor S3C826A Datasheet HTML 3Page - Samsung semiconductor S3C826A Datasheet HTML 4Page - Samsung semiconductor S3C826A Datasheet HTML 5Page - Samsung semiconductor S3C826A Datasheet HTML 6Page - Samsung semiconductor S3C826A Datasheet HTML 7Page - Samsung semiconductor S3C826A Datasheet HTML 8Page - Samsung semiconductor S3C826A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
PRODUCT OVERVIEW
S3C826A/P826A
1-2
FEATURES
CPU
SAM88RC CPU core
Memory
2064-byte internal register file (including LCD
display RAM)
48K-byte internal program memory area
Instruction Set
78 instructions
Idle and Stop instructions
128 I/O Pins
32 normal I/O pins
96 pins sharing with LCD signals
Interrupts
8 interrupt levels and 21 internal sources
Fast interrupt processing feature
8-Bit Basic Timer
Watchdog timer function
4 kinds of clock source
Timer/Counter 0
Programmable 8-bit internal timer
External event counter function
PWM and capture function
Timer/Counter 1
One 16-bit timer/counter mode
Two 8-bit timer/counters A/B mode
External event counter function
Timer/Counter 2
Programmable 8-bit interval timer
External event counter function
Timer/Counter 3
Programmable 8-bit interval timer
External event counter function
PWM and capture function
Watch Timer
Interval Time: 3.19ms, 0.25s, 0.5s, 1.0s at
32.768 kHz
0.5/1/2/4 kHz buzzer output selectable
Analog to Digital Converter
4-channel analog input
8-bit conversion resolution
25
µs conversion time
Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
Selectable baud rate or external clock source
LCD Controller/Driver
80 segments and 16 common terminals
8, 12, and 16 common selectable
Internal resistor circuit for LCD bias
Two Power-Down Modes
Idle mode: only CPU clock stops
Stop mode: system clock and CPU clock stop
Oscillation Source
Crystal, ceramic, or RC for main clock
Crystal for sub clock (32.768 kHz)
Instruction Execution Time
400 ns at fx=10 MHz (minimum, main clock)
122
µs at fxt=32.768 kHz (sub clock)
Operating Temperature Range
–25
°C to +85 °C
Operating Voltage Range
2.0 V to 5.5 V at 4 MHz (main clock)
2.4 V to 5.5 V at 8 MHz (main clock)
2.7 V to 5.5 V at 10 MHz (main clock)
2.0 V to 5.5 V at 32.768 kHz (sub clock)
Package Type
Pellet only


Similar Part No. - S3C826A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C820B SAMSUNG-S3C820B Datasheet
150Kb / 22P
   S3C-SERIES MICROCONTROLLERS
S3C821 SAMSUNG-S3C821 Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C821A SAMSUNG-S3C821A Datasheet
281Kb / 33P
   S3C8-SERIES MICROCONTROLLES
S3C8235 SAMSUNG-S3C8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8238 SAMSUNG-S3C8238 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
More results

Similar Description - S3C826A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com