Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18LV8ZJI-15L Datasheet(PDF) 5 Page - Anachip Corp

Part # PEEL18LV8ZJI-15L
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18LV8ZJI-15L Datasheet(HTML) 5 Page - Anachip Corp

  PEEL18LV8ZJI-15L Datasheet HTML 1Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 2Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 3Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 4Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 5Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 6Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 7Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 8Page - Anachip Corp PEEL18LV8ZJI-15L Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
5/10
switching long enough to trigger the next power-down.
(Note that the tPD is approximately 5 ns. slower on the first
transition from sleep mode.)
As a result of the "Zero-Power" feature, significant power
savings can be realized for combinatorial or sequential
operations when the inputs or clock change at a modest
rate. See Figure 6.
When the PEEL18LV8Z is powered up, a built-in feature
holds the outputs in tri-state until Vcc reaches 2.2V. This
prevents output transitions during power-up.
Figure 5 - Equivalent Circuits for the twelve configurations of the PEEL18LV8Z I/O Macrocell
Configuration
#
A
B
C
D
Input/Feedback Select
Output Select
1
0
0
1
0
Active Low
2
1
0
1
0
Register
Active High
3
0
1
0
0
Active Low
4
1
1
0
0
Bi-directional I/O
Combinatorial
Active High
5
0
0
1
1
Active Low
6
1
0
1
1
Register
Active High
7
0
1
1
1
Active Low
8
1
1
1
1
Combinatorial Feedback
Combinatorial
Active High
9
0
0
0
0
Active Low
10
1
0
0
0
Register
Active High
11
0
1
1
0
Active Low
12
1
1
1
0
Register Feedback
Combinatorial
Active High


Similar Part No. - PEEL18LV8ZJI-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8ZJI-25 ANACHIP-PEEL18LV8ZJI-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZJI-25L ANACHIP-PEEL18LV8ZJI-25L Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZJI-35 ANACHIP-PEEL18LV8ZJI-35 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZJI-35L ANACHIP-PEEL18LV8ZJI-35L Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18LV8ZJI-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com