Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7615 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7615
Description  20-A Low-Voltage Programmable Integrated Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7615 Datasheet(HTML) 2 Page - Texas Instruments

  PT7615 Datasheet HTML 1Page - Texas Instruments PT7615 Datasheet HTML 2Page - Texas Instruments PT7615 Datasheet HTML 3Page - Texas Instruments PT7615 Datasheet HTML 4Page - Texas Instruments PT7615 Datasheet HTML 5Page - Texas Instruments PT7615 Datasheet HTML 6Page - Texas Instruments PT7615 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
20-A Programmable SIP Family
Input
Adjust
Output
Product
Voltage
Description
Method
Range
PT7709
5V
VID
5-Bit
1.3V– 3.5V
PT7708
3.3V
VID
4-Bit
1.3V– 2.05V
PT7615
5V
VID
5-Bit
1.075V–1.85V
PT7742
3.3V
Booster
PT7743
5V
Booster
PT7615—5V
20-A Low-Voltage Programmable
Integrated Switching Regulator
Programming Information
VID4=1
VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1111
1.075V
1.475V
1110
1.100V
1.500V
1101
1.125V
1.525V
1100
1.150V
1.550V
1011
1.175V
1.575V
1010
1.200V
1.600V
1001
1.225V
1.625V
1000
1.250V
1.650V
0111
1.275V
1.675V
0110
1.300V
1.700V
0101
1.325V
1.725V
0100
1.350V
1.750V
0011
1.375V
1.775V
0010
1.400V
1.800V
0001
1.425V
1.825V
0000
1.450V
1.850V
Logic 0 = Pin 12 potential (Rem Sense Gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID4 may not be changed while the unit is operating.
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cin =1,500µF, Cout =330µF, and Io =Iomax)
PT7615
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N
0.1 (1)
—20
A
Ta = +25°C, natural convection
0.1 (1)
—20
Input Voltage Range
Vin
Over Io range
4.5
5.5
V
Set-Point Voltage Tolerance
Vo tol
±10
±25 (2)
mV
Temperature Variation
Regtemp
–40°C
≤Ta ≤ +85°C
±1.5
%Vo
Line Regulation
Regline
Over Vin range
±5
±10
mV
Load Regulation
Regload
Over Io range
±5
±10
mV
Total Output Voltage Variation
∆Vo tol
Set-point, line, load
±2±3%Vo
–40°C
≤Ta ≤ +85°C
Efficiency
η
Io = 10A
Vo = 1.8V
87
Vo = 1.5V
84
%
Vo = 1.2V
81
Io = 20A
Vo = 1.8V
82
Vo = 1.5V
79
%
Vo = 1.2V
75
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
40
mVpp
Transient Response
ttr
1A/µs load step, 10A and 20A
50
µSec
Vos
Vo over/undershoot
±100
mV
Short Circuit Threshold
Isc (pk)
32
A
Switching Frequency
ƒs
Over Vin range
300
350
400
kHz
STBY* Input Requirements
Referenced to GND
Input High Voltage
VIH
2.0
Open (3)
V
Input Low Voltage
VIL
-0.2
0.8
Input Low Current
IIL
Pin 5 to GND
0.3
mA
Standby Input Current
Iin standby
Pin 5 to GND
30
mA
External Capacitance
Cout
330 (4)
15,000
µF
Operating Temperature Range
Ta
Over Vin Range
–40
+85 (5)
°C
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
10
G’s
20-2000 Hz, Soldered in a PC board
Weight
Vertical/Horizontal
36
grams
Flammability
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) If the remote sense is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
(3) The STBY* control (pin 5) has an internal pull-up. If it is left open-circuit, the module will operate when input power is applied. A low-leakage (<1µA)
MOSFET must be used to control this pin. The open-circuit voltage may be as high as Vin.
(4) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See safe Operating Area curves or consult factory for the appropriate derating.
External Capacitors: The PT7615 require a minimum output capacitance of 330µF for proper operation. The PT7615 also requires an input capacitance of 1500µF,
which must be rated for a minimum of 1.4Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required. For further
information refer to the application note regarding capacitor selection for this product.
Input Filter: An input filter inductor is optional for most applications. The inductor must be sized to handle 10ADC with a typical value of 1µH.


Similar Part No. - PT7615

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
   DIODE MODULE 75A/1200V/1600V
PT7616 DIODES-PT7616 Datasheet
140Kb / 3P
   DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PT7616 NIEC-PT7616 Datasheet
712Kb / 2P
   Diode
PT7616 NIEC-PT7616 Datasheet
712Kb / 2P
   Diode
logo
National Instruments Co...
PT7616 NI-PT7616_15 Datasheet
712Kb / 2P
   DIODE
More results

Similar Description - PT7615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com